Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR1045 Datasheet (PDF) - Vishay Siliconix

MBR1045 Datasheet PDF - Vishay Siliconix
Part # MBR1045
Download  MBR1045 Download
File Size   107.53 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Schottky Rectifier, 10 A

MBR1045 Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR1045 Datasheet PDF - Vishay Siliconix

Part # MBR1045
Download  MBR1045 Click to download

File Size   107.53 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Schottky Rectifier, 10 A

MBR1045 Datasheet (HTML) - Vishay Siliconix


MBR1045 Product details

FEATURES
• Power pack
• Low power loss, high efficiency
• Low forward voltage drop
• High forward surge capability
• High frequency operation
• Meets MSL level 1, per J-STD-020, LF maximum peak of 245 °C (for TO-263AB package)
• Solder bath temperature 275 °C maximum, 10 s, per JESD 22-B106 (for TO-220AC and ITO-220AC package)
• AEC-Q101 qualified available (for ITO-220AC and D2PAK (TO-263AB) package)
• Material categorization: for definitions of compliance please see www.vishay.com/doc?99912

TYPICAL APPLICATIONS
    For use in low voltage, high frequency rectifier of switching mode power supplies, freewheeling diodes, DC/DC converters, and polarity protection application.




Similar Part No. - MBR1045

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR1045 MOTOROLA-MBR1045 Datasheet
148Kb / 6P
SCHOTTKY BARRIER RECTIFIERS 10 AMPERES 20 to 45 VOLTS
logo
Fairchild Semiconductor
MBR1045 FAIRCHILD-MBR1045 Datasheet
46Kb / 3P
10 Ampere Schottky Barrier Rectifiers
logo
Diodes Incorporated
MBR1045 DIODES-MBR1045 Datasheet
56Kb / 2P
10A SCHOTTKY BARRIER RECTIFIER
DS23009 Rev. G-2
logo
General Semiconductor
MBR1045 GE-MBR1045 Datasheet
66Kb / 2P
SCHOTTKY RECTIFIER
logo
Micro Commercial Compon...
MBR1045 MCC-MBR1045 Datasheet
141Kb / 2P
10 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results


Similar Description - MBR1045

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
10TQPBF VISHAY-10TQPBF Datasheet
112Kb / 6P
Schottky Rectifier, 10 A
05-Jun-08
10TQS VISHAY-10TQS Datasheet
125Kb / 6P
Schottky Rectifier, 10 A
25-Jun-08
MBR1045PBF VISHAY-MBR1045PBF Datasheet
110Kb / 6P
Schottky Rectifier, 10 A
14-Aug-08
STPS1045BPBF VISHAY-STPS1045BPBF Datasheet
91Kb / 6P
Schottky Rectifier, 10 A
23-Apr-08
10WQ045FNPBF VISHAY-10WQ045FNPBF_11 Datasheet
129Kb / 7P
Schottky Rectifier, 10 A
14-Jan-11
10TQ VISHAY-10TQ_12 Datasheet
144Kb / 7P
Schottky Rectifier, 10 A
05-Jun-08
MBR1035PBF VISHAY-MBR1035PBF_12 Datasheet
157Kb / 7P
Schottky Rectifier, 10 A
29-Aug-11
logo
Kersemi Electronic Co.,...
MBR1045PBF KERSEMI-MBR1045PBF Datasheet
1Mb / 5P
Schottky Rectifier, 10 A
logo
Vishay Siliconix
VS-MBR10PBF VISHAY-VS-MBR10PBF Datasheet
158Kb / 7P
Schottky Rectifier, 10 A
29-Aug-11
VS-10TQPBF VISHAY-VS-10TQPBF Datasheet
167Kb / 7P
Schottky Rectifier, 10 A
11-Oct-11
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com