Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCT5210 Datasheet (PDF) - Vishay Siliconix

MCT5210 Datasheet PDF - Vishay Siliconix
Part # MCT5210
Download  MCT5210 Download
File Size   138.84 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototransistor Output, Low Input Current, With Base Connection

MCT5210 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCT5210 Datasheet PDF - Vishay Siliconix

Part # MCT5210
Download  MCT5210 Click to download

File Size   138.84 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototransistor Output, Low Input Current, With Base Connection

MCT5210 Datasheet (HTML) - Vishay Siliconix


MCT5210 Product details

DESCRIPTION
The MCT521/5211 are optocouplers with a high efficiency AIGaAs LED optically coupled toa NPN phototransistor. The high performance LED makes operation at low input currents practical. The coupler is housed in a six pin DIP package. Isolation test voltage is 5300 VRMS. Because these parts have guaranteed CTRs at 1 mA and 3 mA, they are ideally suitable for interfacing from CMOS to TTL or LSTTL to TTL. They are also ideal for telecommunications applications such as ring or off-hook detection.

FEATURES
• Saturation CTR - MCT5211, > 100 % at IF= 1.6 mA
• High isolation voltage, 5300 VRMS
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC




Similar Part No. - MCT5210

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
MCT5210 QT-MCT5210 Datasheet
553Kb / 6P
HIGH-PERFORMANCE AIGAAS PHOTOTRANSISTOR OPTOCOUPLERS
logo
Siemens Semiconductor G...
MCT5210 SIEMENS-MCT5210 Datasheet
70Kb / 3P
AlGaAs LED/ Phototransistor Optocoupler
logo
Fairchild Semiconductor
MCT5210 FAIRCHILD-MCT5210 Datasheet
169Kb / 11P
LOW INPUT CURRENT PHOTOTRANSISTOR OPTOCOUPLERS
MCT5210M FAIRCHILD-MCT5210M Datasheet
290Kb / 12P
Low Input Current Phototransistor Optocouplers
MCT5210M FAIRCHILD-MCT5210M Datasheet
293Kb / 12P
Low Input Current Phototransistor Optocouplers
More results


Similar Description - MCT5210

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH608 VISHAY-SFH608 Datasheet
1Mb / 8P
Optocoupler, Phototransistor Output, Low Input Current, With Base Connection, 5300 VRMS
26-Oct-04
SFH608 VISHAY-SFH608_08 Datasheet
1Mb / 9P
Optocoupler, Phototransistor Output, Low Input Current, With Base Connection, 5300 VRMS
26-Oct-04
IL201 VISHAY-IL201 Datasheet
124Kb / 7P
Optocoupler, Phototransistor Output, Low Input Current, Low Input Current, with Base Connection
08-May-08
IL256AT VISHAY-IL256AT_08 Datasheet
124Kb / 7P
Optocoupler, Phototransistor Output, AC Input, with Base Connection
08-Jan-08
IL250 VISHAY-IL250_08 Datasheet
154Kb / 8P
Optocoupler, Phototransistor Output, AC Input, with Base Connection
09-May-08
VO215AT VISHAY-VO215AT Datasheet
130Kb / 9P
Optocoupler, Phototransistor Output, Low Input Current, with Base Connection
02-Dec-08
IL215AT VISHAY-IL215AT Datasheet
122Kb / 8P
Optocoupler, Phototransistor Output, Low Input Current, with Base Connection
08-May-08
H11AA1 VISHAY-H11AA1_11 Datasheet
150Kb / 7P
Optocoupler, Phototransistor Output, AC Input with Base Connection
23-Feb-11
H11AA1 VISHAY-H11AA1_V01 Datasheet
147Kb / 7P
Optocoupler, Phototransistor Output, AC Input, with Base Connection
23-Feb-11
IL256AT VISHAY-IL256AT_V02 Datasheet
117Kb / 7P
Optocoupler, Phototransistor Output, AC Input, with Base Connection
08-Jan-08
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com