Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRLL110TR Datasheet (PDF) - Vishay Siliconix

IRLL110TR Datasheet PDF - Vishay Siliconix
Part # IRLL110TR
Download  IRLL110TR Download
File Size   1441.94 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Power MOSFET

IRLL110TR Datasheet (PDF)

Go To PDF Page Download Datasheet
IRLL110TR Datasheet PDF - Vishay Siliconix

Part # IRLL110TR
Download  IRLL110TR Click to download

File Size   1441.94 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Power MOSFET

IRLL110TR Datasheet (HTML) - Vishay Siliconix


IRLL110TR Product details

DESCRIPTION

Third generation Power MOSFETs from Vishay provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effictiveness. The SOT-223 package is designed for surface-mounting using vapor phase, infrared, orwave soldering techniques. Its unique package design allows for easy automatic pick-and-place as with other SOT or SOIC packages but has the added advantage of improved thermal performace due to an enlarged tab for heatsinking. Power dissipation of greater than 1.25 W is possible in a typical surface mount application.



FEATURES

• Surface Mount

• Available in Tape and Reel

• Dynamic dV/dt Rating

• Repetitive Avalanche Rated

• Logic-Level Gate Drive

•RDS(on)Specified at VGS= 4 V and 5 V

• Fast Switching

• Lead (Pb)-free Available




Similar Part No. - IRLL110TR

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
IRLL110TR UMW-IRLL110TR Datasheet
694Kb / 8P
100V N-Channel MOSFET
logo
VBsemi Electronics Co.,...
IRLL110TRPBF VBSEMI-IRLL110TRPBF Datasheet
930Kb / 6P
N-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
IRLL110TRPBF-BE3AB VISHAY-IRLL110TRPBF-BE3AB Datasheet
358Kb / 9P
Power MOSFET
05-Apr-2021
IRLL110TRPBFA VISHAY-IRLL110TRPBFA Datasheet
358Kb / 9P
Power MOSFET
05-Apr-2021
More results


Similar Description - IRLL110TR

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK730P AUK-STK730P Datasheet
398Kb / 8P
Power MOSFET
logo
Torex Semiconductor
XP131A1145SR TOREX-XP131A1145SR_1 Datasheet
427Kb / 5P
Power MOSFET
XP131A1715SR TOREX-XP131A1715SR_1 Datasheet
439Kb / 5P
Power MOSFET
XP132A1635SR TOREX-XP132A1635SR_1 Datasheet
447Kb / 5P
Power MOSFET
logo
Vishay Siliconix
IRF9Z14S VISHAY-IRF9Z14S Datasheet
2Mb / 8P
Power MOSFET
02-Jun-08
IRF630 VISHAY-IRF630 Datasheet
579Kb / 8P
Power MOSFET
21-Mar-11
IRF634N VISHAY-IRF634N Datasheet
162Kb / 8P
Power MOSFET
19-Jun-08
IRF710 VISHAY-IRF710 Datasheet
1,019Kb / 8P
Power MOSFET
30-May-08
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com