Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR20T100CT Datasheet (PDF) - Vishay Siliconix

MBR20T100CT Datasheet PDF - Vishay Siliconix
Part # MBR20T100CT
Download  MBR20T100CT Download
File Size   116.24 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Performance Schottky Generation 5.0, 2 x 10 A

MBR20T100CT Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR20T100CT Datasheet PDF - Vishay Siliconix

Part # MBR20T100CT
Download  MBR20T100CT Click to download

File Size   116.24 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Performance Schottky Generation 5.0, 2 x 10 A

MBR20T100CT Datasheet (HTML) - Vishay Siliconix




Similar Part No. - MBR20T100CT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBR20T100CT VISHAY-MBR20T100CT Datasheet
150Kb / 8P
High Performance Schottky Generation 5.0, 2 x 10 A
15-Oct-08
logo
Kersemi Electronic Co.,...
MBR20T100CT KERSEMI-MBR20T100CT Datasheet
2Mb / 6P
175 째C high performance Schottky diode
MBR20T100CT KERSEMI-MBR20T100CT Datasheet
2Mb / 6P
high performance Schottky diode
logo
Vishay Siliconix
MBR20T100CT VISHAY-MBR20T100CT_12 Datasheet
150Kb / 8P
High Performance Schottky Generation 5.0, 2 x 10 A
15-Oct-08
More results


Similar Description - MBR20T100CT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
43CTT100 VISHAY-43CTT100_08 Datasheet
128Kb / 7P
High Performance Schottky Generation 5.0, 2 x 20 A
08-Sep-08
60CPT045 VISHAY-60CPT045 Datasheet
115Kb / 7P
High Performance Schottky Generation 5.0, 2 x 30 A
07-Oct-08
30CPT100 VISHAY-30CPT100 Datasheet
116Kb / 7P
High Performance Schottky Generation 5.0, 2 x 15 A
07-Oct-08
30CTT100 VISHAY-30CTT100 Datasheet
115Kb / 7P
High Performance Schottky Generation 5.0, 2 x 15 A
19-Feb-08
6CUT10-E VISHAY-6CUT10-E Datasheet
155Kb / 9P
High Performance Schottky Generation 5.0, 2 x 3 A
05-Jan-11
20CUT10 VISHAY-20CUT10 Datasheet
155Kb / 9P
High Performance Schottky Generation 5.0, 2 x 10 A
04-Jan-11
30CTT050-F VISHAY-30CTT050-F Datasheet
151Kb / 8P
High Performance Schottky Generation 5.0, 2 x 15 A
01-Oct-09
MBR20T100CT VISHAY-MBR20T100CT_12 Datasheet
150Kb / 8P
High Performance Schottky Generation 5.0, 2 x 10 A
15-Oct-08
VS-20CUT10 VISHAY-VS-20CUT10 Datasheet
145Kb / 7P
High Performance Schottky Generation 5.0, 2 x 10 A
02-Nov-11
VS-6CUT04 VISHAY-VS-6CUT04_V01 Datasheet
137Kb / 8P
High Performance Schottky Generation 5.0, 2 x 3 A
03-Nov-11
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com