Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1202LB Datasheet (PDF) - Vishay Siliconix

1202LB Datasheet PDF - Vishay Siliconix
Part # 1202LB
Download  1202LB Download
File Size   137.03 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Bulk Metal® Foil Technology Precision Trimming Potentiometers, 1 1/4 Inch Rectilinear, RJ12 Style, Designed to Meet or Exceed The Requirements of MIL-PRF-22097, Char. F

1202LB Datasheet (PDF)

Go To PDF Page Download Datasheet
1202LB Datasheet PDF - Vishay Siliconix

Part # 1202LB
Download  1202LB Click to download

File Size   137.03 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Bulk Metal® Foil Technology Precision Trimming Potentiometers, 1 1/4 Inch Rectilinear, RJ12 Style, Designed to Meet or Exceed The Requirements of MIL-PRF-22097, Char. F

1202LB Datasheet (HTML) - Vishay Siliconix




Similar Part No. - 1202LB

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
1202 FRONTIER-1202 Datasheet
125Kb / 2P
RF Coated Chokes (Axial Leads)
logo
Bourns Electronic Solut...
1202 BOURNS-1202 Datasheet
362Kb / 3P
1202 Series Hardwired AC Hybrid Surge Protective Device (H-SPD)
REV. 14 - 12/19
logo
Heyco.
1202 HEYCO-1202 Datasheet
91Kb / 1P
Original Strain Relief Bushings
logo
Sensata Technologies, I...
1202 SENSATA-1202 Datasheet
220Kb / 3P
ROTARY MOTION | PRECISION SENSOR
logo
Infinite Electronics In...
1202 L-COM-1202 Datasheet
105Kb / 1P
Specifications
More results


Similar Description - 1202LB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1268 VISHAY-1268 Datasheet
77Kb / 2P
Bulk Metal Foil Technology Precision Trimming Potentiometers 3/8 Inch Square, RJ24 Style - Industrial Trimmer
06-Aug-02
1260 VISHAY-1260 Datasheet
113Kb / 5P
Bulk Metal® Foil Technology Precision Trimming Potentiometers, 3/8 Inch Square, RJ24 Style, Designed to Meet or Exceed the Requirements of MIL-PRF-39035, Char. H
29-Feb-08
1280G VISHAY-1280G_07 Datasheet
123Kb / 4P
Bulk Metal® Foil Technology Precision Trimming Potentiometers 3/4" Rectilinear, ± 5 ppm/°C and ± 15 ppm/°C TCR
07-Nov-07
VTA52 VISHAY-VTA52 Datasheet
94Kb / 4P
Bulk Metal® Foil Technology Tubular Axial-Lead Resistors, Meets or Exceed MIL-R-39005 Requirements
05-Jun-07
1260 VISHAY-1260_10 Datasheet
362Kb / 5P
Bulk Metal® Foil Ultra High Technology Precision Trimming Potentiometers
24-Mar-10
logo
Micropac Industries
66225 MICROPAC-66225 Datasheet
58Kb / 2P
Designed to meet or exceed MIL-PRF-19500 radiation requirements
66226 MICROPAC-66226 Datasheet
62Kb / 2P
Designed to meet or exceed MIL-PRF-19500 radiation requirements
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com