Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7496L Datasheet (PDF) - STMicroelectronics

TDA7496L Datasheet PDF - STMicroelectronics
Part # TDA7496L
Download  TDA7496L Download
File Size   162.31 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2W2W AMPLIFIER WITH DC VOLUME CONTROL

TDA7496L Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA7496L Datasheet PDF - STMicroelectronics

Part # TDA7496L
Download  TDA7496L Click to download

File Size   162.31 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2W2W AMPLIFIER WITH DC VOLUME CONTROL

TDA7496L Datasheet (HTML) - STMicroelectronics


TDA7496L Product details

DESCRIPTION
The TDA7496L is a stereo 2W+2W class AB power amplifier assembled in the @ Powerdip 14+3+3 package, specially designed for high quality sound, TV and Monitor applications.
   
■ 2W+2W OUTPUT POWER
    RL = 8Ω @THD = 10% VCC = 14V
■ ST-BY AND MUTE FUNCTIONS
■ LOW TURN-ON TURN-OFF POP NOISE
■ LINEAR VOLUME CONTROL DC COUPLED
    WITH POWER OP. AMP.
■ NO BOUCHEROT CELL
■ NO ST-BY RC INPUT NETWORK
■ SINGLE SUPPLY RANGING UP TO 15V
■ SHORT CIRCUIT PROTECTION
■ THERMAL OVERLOAD PROTECTION
■ INTERNALLY FIXED GAIN
■ SOFT CLIPPING
■ VARIABLE OUTPUT AFTER VOLUME CONTROL CIRCUIT
■ POWERDIP (14+3+3) PACKAGE
   




Similar Part No. - TDA7496L

ManufacturerPart #DatasheetDescription
logo
Bookly Micro electronic
TDA7496L BOOKLY-TDA7496L Datasheet
181Kb / 10P
2 AMPLIFIER WITH DC VOLUME CONTROL
More results


Similar Description - TDA7496L

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4843 NSC-LM4843 Datasheet
597Kb / 19P
Stereo 2W Audio Power Amplifiers with DC Volume Control
logo
Wuxi Youda electronics ...
YD7496L YOUDA-YD7496L Datasheet
85Kb / 5P
2W2W AMPLIFIER WITH DC VOLUME CONTROL
logo
Gamma Microelectronics ...
GMA7496L GAMMA-GMA7496L Datasheet
190Kb / 11P
2W2W AMPLIFIER W/ DC VOLUME CONTROL
logo
KODENSHI_AUK CORP.
KKA7496L KODENSHI-KKA7496L Datasheet
526Kb / 8P
2W2W AMPLIFIER WITH DC VOLUME CONTROL
logo
MOSA ELECTRONICS
MS6865 MOSA-MS6865 Datasheet
713Kb / 20P
Dual 2W Power Amplifier 3 Stereo Inputs with Volume Control
logo
Gamma Microelectronics ...
GMA7496L GAMMA-GMA7496L_1 Datasheet
285Kb / 12P
2W2W AMPLIFIER WITH DC VOLUME CONTROL
logo
MOSA ELECTRONICS
MS6864 MOSA-MS6864_1 Datasheet
696Kb / 21P
Dual 2W Power Amplifier, I2C interface Stereo Input with Volume Control
MS6865 MOSA-MS6865_1 Datasheet
767Kb / 22P
Dual 2W Power Amplifier 3 Stereo Inputs with Volume Control
logo
Global Mixed-mode Techn...
G1438 GMT-G1438 Datasheet
91Kb / 1P
2W Stereo Audio Amplifier with DC Volume Control and Selectable Gain
logo
First Components Intern...
FC7496L FCI-FC7496L Datasheet
1Mb / 8P
FC7496L 2W2W AMPLIFIER WITH DC VOLUME CONTROL
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com