Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYG20D Datasheet (PDF) - Vishay Siliconix

BYG20D Datasheet PDF - Vishay Siliconix
Part # BYG20D
Download  BYG20D Download
File Size   108.21 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Ultrafast Avalanche SMD Rectifier

BYG20D Datasheet (PDF)

Go To PDF Page Download Datasheet
BYG20D Datasheet PDF - Vishay Siliconix

Part # BYG20D
Download  BYG20D Click to download

File Size   108.21 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Ultrafast Avalanche SMD Rectifier

BYG20D Datasheet (HTML) - Vishay Siliconix


BYG20D Product details

FEATURES
• Low profile package
• Ideal for automated placement
• Glass passivated junction
• Low reverse current
• Soft recovery characteristics
• Ultrafast reverse recovery time
• Meets MSL level 1, per J-STD-020, LF maximum peak of 260 °C
• Solder dip 260 °C, 40 s
• Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC

TYPICAL APPLICATIONS
  For use in high frequency rectification of power supply, inverters, converters and freewheeling diodes for consumer, automotive and telecommunication.




Similar Part No. - BYG20D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYG20D VISHAY-BYG20D Datasheet
59Kb / 5P
Fast Silicon Mesa SMD Rectifier
24-Jun-98
logo
EIC discrete Semiconduc...
BYG20D EIC-BYG20D Datasheet
151Kb / 2P
ULTRAFAST AVALANCHE RECTIFIERS
logo
Shenzhen Luguang Electr...
BYG20D LUGUANG-BYG20D Datasheet
170Kb / 2P
Ultra Fast SMD Rectifiers
logo
Shenzhen Taychipst Elec...
BYG20D TAYCHIPST-BYG20D Datasheet
3Mb / 2P
Fast Silicon Mesa SMD Rectifier
BYG20D TAYCHIPST-BYG20D Datasheet
3Mb / 2P
Fast Silicon Mesa SMD Rectifier
More results


Similar Description - BYG20D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYG22A VISHAY-BYG22A Datasheet
109Kb / 5P
Ultrafast Avalanche SMD Rectifier
27-Aug-07
BYG23M VISHAY-BYG23M_07 Datasheet
101Kb / 4P
Ultrafast Avalanche SMD Rectifier
27-Aug-07
BYG20J-E3 VISHAY-BYG20J-E3 Datasheet
93Kb / 5P
Ultrafast Avalanche SMD Rectifier
21-Dec-11
BYG22B-TR VISHAY-BYG22B-TR Datasheet
92Kb / 5P
Ultrafast Avalanche SMD Rectifier
30-Oct-13
BYG22DTR3 VISHAY-BYG22DTR3 Datasheet
94Kb / 5P
Ultrafast Avalanche SMD Rectifier
21-Dec-11
BYG20J-TR VISHAY-BYG20J-TR Datasheet
93Kb / 5P
Ultrafast Avalanche SMD Rectifier
21-Dec-11
BYG20D VISHAY-BYG20D_15 Datasheet
96Kb / 6P
Ultrafast Avalanche SMD Rectifier
19-Feb-15
BYG20D VISHAY-BYG20D_V01 Datasheet
109Kb / 5P
Ultrafast Avalanche SMD Rectifier
21-Feb-2020
BYG22A VISHAY-BYG22A_V01 Datasheet
109Kb / 5P
Ultrafast Avalanche SMD Rectifier
21-Feb-2020
BYG23M VISHAY-BYG23M_V01 Datasheet
105Kb / 5P
Ultrafast Avalanche SMD Rectifier
Revision: 25-Feb-2020
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com