Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXIAL04271109E3 Datasheet (PDF) - Vishay Siliconix

AXIAL04271109E3 Datasheet PDF - Vishay Siliconix
Part # AXIAL04271109E3
Download  AXIAL04271109E3 Download
File Size   99.35 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Aluminum Capacitors Axial High Temperature High Voltage for E.L.B.

AXIAL04271109E3 Datasheet (PDF)

Go To PDF Page Download Datasheet
AXIAL04271109E3 Datasheet PDF - Vishay Siliconix

Part # AXIAL04271109E3
Download  AXIAL04271109E3 Click to download

File Size   99.35 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Aluminum Capacitors Axial High Temperature High Voltage for E.L.B.

AXIAL04271109E3 Datasheet (HTML) - Vishay Siliconix


AXIAL04271109E3 Product details

FEATURES

• Polarized aluminum electrolytic capacitors, non-solid electrolyte

• Axial leads, cylindrical aluminum case, insulated with a blue sleeve

• Taped versions up to case Ø 15 x 30 mm available for automatic insertion

• Useful life: 10 000 hours at 105 °C

• Stable under overvoltage conditions: 550 V for 24 hours at 85 °C

• High ripple current capability

• Smallest dimensions

• Lead (Pb)-free versions are RoHS compliant



APPLICATIONS

• Electronic lighting ballast, power supply

• Smoothing, filtering, buffering at high voltages

• Boards with restricted mounting height, vibration and shock resistant



 




Similar Part No. - AXIAL04271109E3

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
AXIAL SHARMA-AXIAL Datasheet
267Kb / 1P
MULTILAYER CERAMIC LEADED CAPACITORS
More results


Similar Description - AXIAL04271109E3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SERIE118AHT ETC-SERIE118AHT Datasheet
1,008Kb / 19P
Aluminum electrolytic capacitors Axial High Temperature
logo
Vishay Siliconix
120ATC VISHAY-120ATC Datasheet
266Kb / 8P
Aluminum Capacitors Axial High Temperature, High Ripple Current
28-Oct-05
118AHT VISHAY-118AHT Datasheet
150Kb / 11P
Aluminum Capacitors Axial High Temperature
30-May-08
120ATC VISHAY-120ATC_08 Datasheet
112Kb / 8P
Aluminum Capacitors Axial High Temperature, High Ripple Current
21-Apr-08
043AMH-ELB VISHAY-043AMH-ELB Datasheet
98Kb / 6P
Aluminum Capacitors Axial Miniature High Voltage for E.L.B.
22-Apr-08
120ATC VISHAY-120ATC_12 Datasheet
204Kb / 7P
Aluminum Capacitors Axial High Temperature, High Ripple Current
13-Dec-12
118AHT VISHAY-118AHT_17 Datasheet
245Kb / 11P
Aluminum Electrolytic Capacitors Axial High Temperature
20-Apr-17
042AMH-ELB VISHAY-042AMH-ELB Datasheet
195Kb / 6P
Aluminum Electrolytic Capacitors Axial Miniature High Voltage for E.L.B.
09-Jan-17
118AHT VISHAY-118AHT_V01 Datasheet
223Kb / 11P
Aluminum Electrolytic Capacitors Axial High Temperature
20-Apr-17
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com