Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7562 Datasheet (PDF) - STMicroelectronics

TDA7562 Datasheet PDF - STMicroelectronics
Part # TDA7562
Download  TDA7562 Download
File Size   200.09 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES

TDA7562 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA7562 Datasheet PDF - STMicroelectronics

Part # TDA7562
Download  TDA7562 Click to download

File Size   200.09 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES

TDA7562 Datasheet (HTML) - STMicroelectronics


TDA7562 Product details

DESCRIPTION

The TDA7562 is a new BCD technology QUAD BRIDGE type of car radio amplifier in Flexiwatt27 package specially intended for car radio applications.



DMOS POWER OUTPUT

HIGH OUTPUT POWER CAPABILITY 4x25W/4Ω@ 14.4V, 1KHZ, 10% THD, 4x35W EIAJ

MAX. OUTPUT POWER 4x60W/2Ω

FULL I2C BUS DRIVING:

- ST-BY

- INDEPENDENT FRONT/REAR SOFT PLAY/MUTE

- SELECTABLE GAIN 30dB - 16dB (FOR LOW NOISE LINE OUTPUT FUNCTION)

- I2C BUS DIGITAL DIAGNOSTICS

FULL FAULT PROTECTION

DC OFFSET DETECTION

FOUR INDEPENDENT SHORT CIRCUIT PROTECTION

CLIPPING DETECTOR PIN WITH SELECTABLE THRESHOLD (2%/10%)

ST-BY/MUTE PIN

ESD PROTECTION




Similar Part No. - TDA7562

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7562 STMICROELECTRONICS-TDA7562 Datasheet
190Kb / 17P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
Rev 5
TDA7562B STMICROELECTRONICS-TDA7562B Datasheet
454Kb / 30P
4 x 46 W multifunction quad power amplifier with built-in diagnostics features
01-Feb-2011
TDA7562B STMICROELECTRONICS-TDA7562B Datasheet
446Kb / 30P
4 x 46 W multifunction quad power amplifier with built-in diagnostics features
18-Sep-2013
TDA7562BEP STMICROELECTRONICS-TDA7562BEP Datasheet
635Kb / 34P
4 x 46 W multifunction quad power amplifier with built-in diagnostics features
04-Feb-2016
TDA7562B STMICROELECTRONICS-TDA7562B_V01 Datasheet
446Kb / 30P
4 x 46 W multifunction quad power amplifier with built-in diagnostics features
18-Sep-2013
More results


Similar Description - TDA7562

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7561 STMICROELECTRONICS-TDA7561 Datasheet
232Kb / 19P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
Dec-2002
TDA7563 STMICROELECTRONICS-TDA7563 Datasheet
245Kb / 20P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
May-2003
TDA7564 STMICROELECTRONICS-TDA7564 Datasheet
248Kb / 20P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
Sep-2003
TDA7566 STMICROELECTRONICS-TDA7566 Datasheet
226Kb / 19P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
Sep-2003
TDA7563PD STMICROELECTRONICS-TDA7563PD Datasheet
223Kb / 21P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
Apr-2004
TDA7564B STMICROELECTRONICS-TDA7564B Datasheet
505Kb / 34P
4 x 50W multifunction quad power amplifier with built-in diagnostics features
22-Jan-2007
TDA7566 STMICROELECTRONICS-TDA7566_06 Datasheet
395Kb / 28P
4x40W multifunction quad power amplifier with built-in diagnostics features
18-Dec-2006
TDA7562B STMICROELECTRONICS-TDA7562B Datasheet
454Kb / 30P
4 x 46 W multifunction quad power amplifier with built-in diagnostics features
01-Feb-2011
TDA7566 STMICROELECTRONICS-TDA7566_10 Datasheet
370Kb / 29P
4 x 40 W multifunction quad power amplifier with built-in diagnostics features
11-Oct-2010
TDA7562BEP STMICROELECTRONICS-TDA7562BEP Datasheet
635Kb / 34P
4 x 46 W multifunction quad power amplifier with built-in diagnostics features
04-Feb-2016
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com