Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSFF6210 Datasheet (PDF) - Vishay Siliconix

TSFF6210 Datasheet PDF - Vishay Siliconix
Part # TSFF6210
Download  TSFF6210 Download
File Size   118.2 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Speed Infrared Emitting Diode, RoHS Compliant, 870 nm, GaAlAs Double Hetero

TSFF6210 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSFF6210 Datasheet PDF - Vishay Siliconix

Part # TSFF6210
Download  TSFF6210 Click to download

File Size   118.2 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Speed Infrared Emitting Diode, RoHS Compliant, 870 nm, GaAlAs Double Hetero

TSFF6210 Datasheet (HTML) - Vishay Siliconix


TSFF6210 Product details

DESCRIPTION
TSFF6210 is an infrared, 870 nm emitting diode in GaAlAs double hetero (DH) technology with high radiant power and high speed, molded in a clear, untinted plastic package.

FEATURES
• Package type: leaded
• Package form: T-1¾
• Dimensions (in mm) = Ø 5
• Peak wavelength: λp = 870 nm
• High reliability
• High radiant power
• High radiant intensity
• Angle of half intensity: ϕ = ± 10°
• Low forward voltage
• Suitable for high pulse current operation
• High modulation bandwidth: fc = 24 MHz
• Good spectral matching with Si photodetectors
• Compliant to RoHS Directive 2002/95/EC and in
   accordance to WEEE 2002/96/EC

APPLICATIONS
• Infrared video data transmission between Camcorder and
   TV set
• Free air data transmission systems with high modulation
   frequencies or high data transmission rate requirements
• Smoke-automatic fire detectors




Similar Part No. - TSFF6210

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSFF6210 VISHAY-TSFF6210 Datasheet
111Kb / 5P
High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
29-Jun-09
TSFF6210 VISHAY-TSFF6210 Datasheet
110Kb / 5P
High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
24-Aug-11
TSFF6210 VISHAY-TSFF6210 Datasheet
108Kb / 5P
High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
24-Aug-11
TSFF6210 VISHAY-TSFF6210 Datasheet
107Kb / 5P
High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
24-Aug-11
TSFF6210 VISHAY-TSFF6210_09 Datasheet
111Kb / 5P
High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
29-Jun-09
More results


Similar Description - TSFF6210

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSMF3710 VISHAY-TSMF3710 Datasheet
129Kb / 8P
High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
21-Feb-07
TSFF5510 VISHAY-TSFF5510 Datasheet
106Kb / 6P
High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
07-Feb-08
TSFF5210 VISHAY-TSFF5210_08 Datasheet
109Kb / 5P
High Speed Infrared Emitting Diode, RoHS Compliant, 870 nm, GaAlAs Double Hetero
04-Aug-08
TSFF5410 VISHAY-TSFF5410_08 Datasheet
109Kb / 5P
High Speed Infrared Emitting Diode, RoHS Compliant, 870 nm, GaAlAs Double Hetero
21-Jul-08
TSFF5510 VISHAY-TSFF5510_08 Datasheet
108Kb / 5P
High Speed Infrared Emitting Diode, RoHS Compliant, 870 nm, GaAlAs Double Hetero
16-Sep-08
VSMF4710 VISHAY-VSMF4710 Datasheet
136Kb / 6P
High Speed Infrared Emitting Diode, RoHS Compliant, 870 nm, GaAlAs Double Hetero
04-Sep-08
VSMF4720 VISHAY-VSMF4720 Datasheet
137Kb / 6P
High Speed Infrared Emitting Diode, RoHS Compliant, 870 nm, GaAlAs Double Hetero
05-Sep-08
TSFF6210 VISHAY-TSFF6210_V01 Datasheet
108Kb / 5P
High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
24-Aug-11
VSMF4720 VISHAY-VSMF4720_V01 Datasheet
143Kb / 6P
High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
15-Jul-2020
TSFF5210 VISHAY-TSFF5210_V02 Datasheet
112Kb / 5P
High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
24-Aug-11
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com