Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB050 Datasheet (PDF) - Vishay Siliconix

SB050 Datasheet PDF - Vishay Siliconix
Part # SB050
Download  SB050 Download
File Size   353.74 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Miniature Schottky Barrier Rectifier

SB050 Datasheet (PDF)

Go To PDF Page Download Datasheet
SB050 Datasheet PDF - Vishay Siliconix

Part # SB050
Download  SB050 Click to download

File Size   353.74 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Miniature Schottky Barrier Rectifier

SB050 Datasheet (HTML) - Vishay Siliconix


SB050 Product details

FEATURES
● Guardring for overvoltage protection
● Very small conduction losses
● Extremely fast switching
● Low forward voltage drop
● High frequency operation
● Solder dip 275 °C max. 10 s, per JESD 22-B106
● Material categorization: For definitions of compliance
   please see www.vishay.com/doc?99912

TYPICAL APPLICATIONS
   For use in low voltage high frequency inverters,
   freewheeling, DC/DC converters, and polarity protection
   applications.




Similar Part No. - SB050

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SB050 VISHAY-SB050 Datasheet
78Kb / 5P
Miniature Schottky Barrier Plastic Rectifier
13-Aug-13
logo
GOOD-ARK Electronics
SB050 GOOD-ARK-SB050 Datasheet
668Kb / 2P
Miniature Schottky Barrier Rectifiers
logo
Tyco Electronics
SB050100WE10 MACOM-SB050100WE10 Datasheet
5Mb / 85P
tyco electronics contents
SB050143WE10 MACOM-SB050143WE10 Datasheet
5Mb / 85P
tyco electronics contents
logo
Sanyo Semicon Device
SB0503EC SANYO-SB0503EC Datasheet
51Kb / 3P
Low IR Schottky Barrier Diode 30V, 0.5A Rectifier
More results


Similar Description - SB050

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SB020 GE-SB020 Datasheet
49Kb / 2P
MINIATURE SCHOTTKY BARRIER RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
IN5820 CHENG-YI-IN5820 Datasheet
106Kb / 2P
MINIATURE SCHOTTKY BARRIER RECTIFIER
SR102 CHENG-YI-SR102 Datasheet
108Kb / 2P
MINIATURE SCHOTTKY BARRIER RECTIFIER
SK120 CHENG-YI-SK120 Datasheet
105Kb / 2P
MINIATURE SCHOTTKY BARRIER RECTIFIER
SR302 CHENG-YI-SR302 Datasheet
120Kb / 2P
MINIATURE SCHOTTKY BARRIER RECTIFIER
SK52 CHENG-YI-SK52 Datasheet
119Kb / 2P
MINIATURE SCHOTTKY BARRIER RECTIFIER
SR1020 CHENG-YI-SR1020 Datasheet
141Kb / 2P
MINIATURE SCHOTTKY BARRIER RECTIFIER
SR3020 CHENG-YI-SR3020 Datasheet
180Kb / 2P
MINIATURE SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SB040-E3 VISHAY-SB040-E3 Datasheet
71Kb / 4P
Miniature Schottky Barrier Rectifier
16-Oct-09
logo
SHENZHEN KOO CHIN ELECT...
1S20 KOOCHIN-1S20 Datasheet
440Kb / 2P
MINIATURE SCHOTTKY BARRIER RECTIFIER
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com