Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61508FP Datasheet (PDF) - Renesas Technology Corp

M61508FP Datasheet PDF - Renesas Technology Corp
Part # M61508FP
Download  M61508FP Download
File Size   233.46 Kbytes
Page   25 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description The Electric Volume of Built-in Non Fader Volume with Tone

M61508FP Datasheet (PDF)

Go To PDF Page Download Datasheet
M61508FP Datasheet PDF - Renesas Technology Corp

Part # M61508FP
Download  M61508FP Click to download

File Size   233.46 Kbytes
Page   25 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description The Electric Volume of Built-in Non Fader Volume with Tone

M61508FP Datasheet (HTML) - Renesas Technology Corp


M61508FP Product details

Features
• This IC is unnecessary for outside putting CR by using SCF for Loudness and Tone Control.
   Bass: +16 dB to –12 dB/2 dBstep. f0, Q = variable. f0 = 50 Hz, 80 Hz, 120 Hz Q = 1, 1.25, 1.5, 2
   Mid: +12 dB to –12 dB/2 dBstep. f0, Q = variable. f0 = 700 Hz, 1 kHz, 2 kHz, 10 kHz Q = 1.5, 2
   Treble: +12 dB to –12 dB/2 dBstep. f0 = variable. f0 = 8 kHz, 12 kHz
   Loudness: f0 = variable. f0 = 60 Hz, 80 Hz, 100 Hz
• Built-in Non Fader Volume
   +12 dB to –12 dB/2 dB step, –∞ dB
• Built-in Zero-Crossing Detector Circuit for Changing Noise Measure.
• Built-in Differential Input and Differential Output
• Built-in Input Selector (4 input + Differential Input)
• Built-in Input Gain Control
   0 dB to +18.75 dB/1.25 dB step
• Built-in Master Volume and Fader Volume (Front, Rear)
   Volume: 0 dB to –83 dB, –∞ dB/1 dB step
   Fader: 0 dB, –1 dB, –2 dB, –3 dB, –4 dB, –6 dB, –8 dB, –12 dB, –16 dB, –20 dB, –30 dB, –45 dB, –60 dB,  –∞ dB/16 step
• Serial Data Control of 2 lines formula.

Application
• This IC can be used Analog Signal processing of Power Amp. front stage
• This IC can be used Car Audio System, Home Audio System and TV.




Similar Part No. - M61508FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M61508FP MITSUBISHI-M61508FP Datasheet
3Mb / 22P
THE ELECTRIC VOLUME of BUILD-IN NON FADER VOLUME with TONE CONTROL
More results


Similar Description - M61508FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M61508FP MITSUBISHI-M61508FP Datasheet
3Mb / 22P
THE ELECTRIC VOLUME of BUILD-IN NON FADER VOLUME with TONE CONTROL
M62435FP MITSUBISHI-M62435FP Datasheet
96Kb / 10P
ELECTRIC VOLUME CONTROL WITH TONE CONTROLLER FOR 4-SPEAKER APPLICATIONS
M62440FP MITSUBISHI-M62440FP Datasheet
94Kb / 10P
ELECTRIC VOLUME CONTROL WITH TONE CONTROLLER FOR 4-SPEAKER APPLICATIONS
M62446FP MITSUBISHI-M62446FP Datasheet
105Kb / 13P
6CH ELECTRIC VOLUME WITH TONE CONTROL
M62447SP MITSUBISHI-M62447SP Datasheet
77Kb / 12P
6CH ELECTRIC VOLUME
M62490FP MITSUBISHI-M62490FP Datasheet
97Kb / 10P
ELECTRIC VOLUME CONTROL WITH TONE CONTROLLER FOR 4-SPEAKER APPLICATIONS
logo
Renesas Technology Corp
M62435FP RENESAS-M62435FP Datasheet
141Kb / 11P
Electric Volume Control with Tone Controller for 4-Speaker Applications
M62440FP RENESAS-M62440FP Datasheet
155Kb / 11P
Electric Volume Control with Tone Controller for 4-Speaker Applications
M62490FP RENESAS-M62490FP Datasheet
123Kb / 11P
Electric Volume Control with Tone Controller for 4-Speaker Applications
M61509FP RENESAS-M61509FP Datasheet
170Kb / 14P
QXpander built-in, Tone control, Volume control
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com