Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62015L Datasheet (PDF) - Renesas Technology Corp

M62015L Datasheet PDF - Renesas Technology Corp
Part # M62015L
Download  M62015L Download
File Size   87.97 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Power 2 Output System Reset IC

M62015L Datasheet (PDF)

Go To PDF Page Download Datasheet
M62015L Datasheet PDF - Renesas Technology Corp

Part # M62015L
Download  M62015L Click to download

File Size   87.97 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Power 2 Output System Reset IC

M62015L Datasheet (HTML) - Renesas Technology Corp


M62015L Product details

Description
The M62015 and M62016 are semiconductor integrated circuits whose optimum use is for the detection of the rise and fall in the power supply to a microcomputer system in order to reset or release the microcomputer system.
The M62015 and M62016 carry out voltage detection in two steps and have two output pins. As Bi-CMOS process and low power dissipating circuits are employed, they output optimum signals through each output pin to a system that requires RAM backup.
These ICs also support the backup mode of Renesas microcomputer the M16C.

Features
• Bi-CMOS process realizes a configuration of low current dissipating circuits.
   Circuit current
      ICC = 3 µA (Typ, normal mode, VCC = 3.0 V)
      ICC = 1 µA (Typ, backup mode, VCC = 2.5 V)
• Two-step detection of supply voltage
   Detection voltage in normal mode: VS = 2.7 V (Typ)
   Detection voltage in backup mode: VBATT = 2.0 V (Typ)
• Two outputs
   Reset output (RESET): output of compulsive reset signal
   Interruption output (INT): output of interruption signal
• Two types of output forms
   CMOS output: M62015L/FP
   open drain output: M62016L/FP

Application
• Prevention of errors in microcomputer system in electronic equipment that requires RAM backup, such as office, industrial, and home-use equipment.




Similar Part No. - M62015L

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
M6201 MPSIND-M6201 Datasheet
164Kb / 1P
TRANSFORMER FOR RS-485 / RS-232 INTERFACE
logo
Heyco.
M6201 HEYCO-M6201 Datasheet
258Kb / 1P
Plated Steel Liquid Tight Cordgrips
logo
MPS Industries, Inc.
M6201-11 MPSIND-M6201-11 Datasheet
164Kb / 1P
TRANSFORMER FOR RS-485 / RS-232 INTERFACE
M6201-13 MPSIND-M6201-13 Datasheet
164Kb / 1P
TRANSFORMER FOR RS-485 / RS-232 INTERFACE
M6201-21 MPSIND-M6201-21 Datasheet
164Kb / 1P
TRANSFORMER FOR RS-485 / RS-232 INTERFACE
More results


Similar Description - M62015L

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62009L MITSUBISHI-M62009L Datasheet
26Kb / 3P
LOW POWER 2 OUTPUT SYSTEM RESET IC WITH EXTERNAL INPUT
logo
New Japan Radio
NJM2103 NJRC-NJM2103 Datasheet
291Kb / 9P
SYSTEM RESET IC
logo
Rohm
BH6150F ROHM-BH6150F Datasheet
78Kb / 8P
System reset IC
logo
KODENSHI_AUK CORP.
BMR-0201 KODENSHI-BMR-0201 Datasheet
314Kb / 2P
System Reset IC
BMR-0301 KODENSHI-BMR-0301 Datasheet
312Kb / 2P
System Reset IC
logo
Rohm
BD47XXG ROHM-BD47XXG Datasheet
175Kb / 6P
System Reset IC
logo
Mitsubishi Electric Sem...
M62001L MITSUBISHI-M62001L Datasheet
87Kb / 6P
LOW POWER 2 OUTPUT SYSTEM RESET IC SERIES
logo
Renesas Technology Corp
M62001L RENESAS-M62001L Datasheet
118Kb / 10P
Low Power 2 Output System Reset IC Series
M62009L RENESAS-M62009L Datasheet
99Kb / 7P
Low Power 2 Output System Reset IC with External Input
logo
Mitsumi Electronics, Co...
PST85XX MITSUMI-PST85XX Datasheet
139Kb / 13P
System Reset IC
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com