Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62212P Datasheet (PDF) - Renesas Technology Corp

M62212P Datasheet PDF - Renesas Technology Corp
Part # M62212P
Download  M62212P Download
File Size   109.26 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description General Purpose DC/DC Converter

M62212P Datasheet (PDF)

Go To PDF Page Download Datasheet
M62212P Datasheet PDF - Renesas Technology Corp

Part # M62212P
Download  M62212P Click to download

File Size   109.26 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description General Purpose DC/DC Converter

M62212P Datasheet (HTML) - Renesas Technology Corp


M62212P Product details

Description
M62212 is designed as a general purpose DC/DC converter.
This small 8-pin package contains many functions allowing simpler peripheral circuits and compact set design.
The output transistor is open collector and emitter follower type. This makes the control STEP-UP, STEP-DOWN and INVERTING converter.

Feature
• Wide operation power supply voltage range…….. 2.5 to 18 V
• Low power consumption…….……..…….……… 1.3 mA typ
• High speed switching is possible (300 kHz).
• Output short protection circuit and ON/OFF control are used.
   The dead-time control and the soft-start operation are possible
• Package variation: 8-pin DIP/SOP/SSOP8

Applications
   General electric products, DC/DC converter




Similar Part No. - M62212P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62212P MITSUBISHI-M62212P Datasheet
52Kb / 8P
GENERAL PURPOSE DC-DC CONVERTER
More results


Similar Description - M62212P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62210FP MITSUBISHI-M62210FP Datasheet
73Kb / 9P
GENERAL PURPOSE MULTI FUNCTION DC-DC CONVERTER
M62211P MITSUBISHI-M62211P Datasheet
75Kb / 9P
GENERAL PURPOSE MULTI FUNCTION DC-DC CONVERTER
M62212P MITSUBISHI-M62212P Datasheet
52Kb / 8P
GENERAL PURPOSE DC-DC CONVERTER
logo
National Semiconductor ...
LM2623 NSC-LM2623 Datasheet
216Kb / 11P
General Purpose, Gated Oscillator Based, DC/DC Boost Converter
LM2623 NSC-LM2623_05 Datasheet
595Kb / 11P
General Purpose, Gated Oscillator Based, DC/DC Boost Converter
logo
Renesas Technology Corp
M62210FP RENESAS-M62210FP Datasheet
2Mb / 10P
GENERAL PURPOSE MULTI FUNCTION DC-DC CONVERTER
M62211P RENESAS-M62211P Datasheet
148Kb / 12P
General Purpose Multi Function DC/DC Converter
M62215FP RENESAS-M62215FP Datasheet
148Kb / 11P
General Purpose Multifunction DC/DC Converter
logo
Texas Instruments
LM2623 TI1-LM2623_14 Datasheet
958Kb / 16P
General Purpose, Gated Oscillator Based, DC/DC Boost Converter
LM2623 TI-LM2623_15 Datasheet
1Mb / 22P
General-Purpose, Gated-Oscillator-Based DC/DC Boost Converter
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com