Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD823C12S20C Datasheet (PDF) - Vishay Siliconix

SD823C12S20C Datasheet PDF - Vishay Siliconix
Part # SD823C12S20C
Download  SD823C12S20C Download
File Size   396.36 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Fast Recovery Diodes (Hockey PUK Version), 810/910 A

SD823C12S20C Datasheet (PDF)

Go To PDF Page Download Datasheet
SD823C12S20C Datasheet PDF - Vishay Siliconix

Part # SD823C12S20C
Download  SD823C12S20C Click to download

File Size   396.36 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Fast Recovery Diodes (Hockey PUK Version), 810/910 A

SD823C12S20C Datasheet (HTML) - Vishay Siliconix


SD823C12S20C Product details

FEATURES
• High power FAST recovery diode series
• 2.0 to 3.0 µs recovery time
• High voltage ratings up to 2500 V
• High current capability
• Optimized turn-on and turn-off characteristics
• Low forward recovery
• Fast and soft reverse recovery
• Press PUK encapsulation
• Hockey PUK version case style B-43
• Maximum junction temperature 150 °C
• Lead (Pb)-free
• Designed and qualified for industrial level

TYPICAL APPLICATIONS
• Snubber diode for GTO
• High voltage freewheeling diode
• Fast recovery rectifier applications




Similar Part No. - SD823C12S20C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SD823C12S20C VISHAY-SD823C12S20C Datasheet
410Kb / 12P
Fast Recovery Diodes (Hockey PUK Version), 810/910 A
14-May-08
SD823C12S20C VISHAY-SD823C12S20C_12 Datasheet
410Kb / 12P
Fast Recovery Diodes (Hockey PUK Version), 810/910 A
14-May-08
More results


Similar Description - SD823C12S20C

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SD1053C IRF-SD1053C Datasheet
507Kb / 10P
FAST RECOVERY DIODES Hockey Puk Version
SD303C IRF-SD303C Datasheet
487Kb / 8P
FAST RECOVERY DIODES Hockey Puk Version
SD403C IRF-SD403C Datasheet
383Kb / 7P
FAST RECOVERY DIODES Hockey Puk Version
SD553C IRF-SD553C Datasheet
351Kb / 8P
FAST RECOVERY DIODES Hockey Puk Version
SD603C IRF-SD603C Datasheet
202Kb / 8P
FAST RECOVERY DIODES Hockey Puk Version
SD803C IRF-SD803C Datasheet
376Kb / 7P
FAST RECOVERY DIODES Hockey Puk Version
SD853C IRF-SD853C Datasheet
403Kb / 6P
FAST RECOVERY DIODES Hockey Puk Version
logo
Vishay Siliconix
SD823C12S20C VISHAY-SD823C12S20C_12 Datasheet
410Kb / 12P
Fast Recovery Diodes (Hockey PUK Version), 810/910 A
14-May-08
VS-SD823CC VISHAY-VS-SD823CC Datasheet
425Kb / 11P
Fast Recovery Diodes (Hockey PUK Version), 810 A/910 A
14-Jan-14
VS-SD823CC VISHAY-VS-SD823CC_V01 Datasheet
407Kb / 11P
Fast Recovery Diodes (Hockey PUK Version), 810 A, 910 A
11-Jan-18
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com