Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD853C30S50K Datasheet (PDF) - Vishay Siliconix

SD853C30S50K Datasheet PDF - Vishay Siliconix
Part # SD853C30S50K
Download  SD853C30S50K Download
File Size   231.53 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Fast Recovery Diodes (Hockey PUK Version), 990 A

SD853C30S50K Datasheet (PDF)

Go To PDF Page Download Datasheet
SD853C30S50K Datasheet PDF - Vishay Siliconix

Part # SD853C30S50K
Download  SD853C30S50K Click to download

File Size   231.53 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Fast Recovery Diodes (Hockey PUK Version), 990 A

SD853C30S50K Datasheet (HTML) - Vishay Siliconix


SD853C30S50K Product details

FEATURES
• High power FAST recovery diode series
• 5.0 µs recovery time
• High voltage ratings up to 4500 V
• High current capability
• Optimized turn-on and turn-off characteristics
• Low forward recovery
• Fast and soft reverse recovery
• Press PUK encapsulation
• Case style conform to JEDEC DO-200AC (K-PUK)
• Maximum junction temperature 125 °C
• Lead (Pb)-free
• Designed and qualified for industrial level

TYPICAL APPLICATIONS
• Snubber diode for GTO
• High voltage freewheeling diode
• Fast recovery rectifier applications




Similar Part No. - SD853C30S50K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SD853C30S50K VISHAY-SD853C30S50K Datasheet
250Kb / 10P
Fast Recovery Diodes (Hockey PUK Version), 990 A
14-May-08
SD853C30S50K VISHAY-SD853C30S50K_12 Datasheet
250Kb / 10P
Fast Recovery Diodes (Hockey PUK Version), 990 A
14-May-08
More results


Similar Description - SD853C30S50K

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SD1053C IRF-SD1053C Datasheet
507Kb / 10P
FAST RECOVERY DIODES Hockey Puk Version
SD303C IRF-SD303C Datasheet
487Kb / 8P
FAST RECOVERY DIODES Hockey Puk Version
SD403C IRF-SD403C Datasheet
383Kb / 7P
FAST RECOVERY DIODES Hockey Puk Version
SD553C IRF-SD553C Datasheet
351Kb / 8P
FAST RECOVERY DIODES Hockey Puk Version
SD603C IRF-SD603C Datasheet
202Kb / 8P
FAST RECOVERY DIODES Hockey Puk Version
SD803C IRF-SD803C Datasheet
376Kb / 7P
FAST RECOVERY DIODES Hockey Puk Version
SD853C IRF-SD853C Datasheet
403Kb / 6P
FAST RECOVERY DIODES Hockey Puk Version
logo
Vishay Siliconix
SD853C30S50K VISHAY-SD853C30S50K_12 Datasheet
250Kb / 10P
Fast Recovery Diodes (Hockey PUK Version), 990 A
14-May-08
VS-SD853CS50K VISHAY-VS-SD853CS50K Datasheet
285Kb / 8P
Fast Recovery Diodes (Hockey PUK Version), 990 A
15-Apr-14
VS-SD853CS50K VISHAY-VS-SD853CS50K_V01 Datasheet
268Kb / 8P
Fast Recovery Diodes (Hockey PUK Version), 990 A
11-Jan-18
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com