Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62253BGP Datasheet (PDF) - Renesas Technology Corp

M62253BGP Datasheet PDF - Renesas Technology Corp
Part # M62253BGP
Download  M62253BGP Download
File Size   257.74 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Charge Control IC for Li-Ion Batteries

M62253BGP Datasheet (PDF)

Go To PDF Page Download Datasheet
M62253BGP Datasheet PDF - Renesas Technology Corp

Part # M62253BGP
Download  M62253BGP Click to download

File Size   257.74 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Charge Control IC for Li-Ion Batteries

M62253BGP Datasheet (HTML) - Renesas Technology Corp


M62253BGP Product details

Description
M62253BGP is a charge control IC dedicated to Lithium-ion batteries. Constant current/voltage charging suitable for Li-Ion batteries are available by utilizing on-chip current/voltage control circuits.
It also includes charge inhibit function for over discharged battery and charge control function detecting battery temperature, allowing for easy configuration of Li-Ion battery charging circuit.

Features
• Available for 4.2 V battery
• High precision reference voltage 4.2 V ± 30 mV
• Constant current and constant voltage charging
• Charge completion detection voltage settable by external resistors
• Charging inhibit and protection function for over discharged battery
• Charging inhibit and protection function for both high and low temperature battery
• Dual LED indications monitoring charging status
• Recharging function (LED2 remains turned on after recharging)
• Delay circuit to prevent erroneous detection

Applications
   Li-Ion battery charger for hand-held instruments such as cellular phones and notebook computers




Similar Part No. - M62253BGP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62253 MITSUBISHI-M62253 Datasheet
62Kb / 5P
LITHIUM ION BATTERY CHARGER CONTROL IC
M62253AGP MITSUBISHI-M62253AGP Datasheet
200Kb / 10P
Charge Control IC for Li-Ion Batteries
logo
Renesas Technology Corp
M62253AGP RENESAS-M62253AGP Datasheet
4Mb / 11P
Charge Control IC for Li-Ion Batteries
logo
Mitsubishi Electric Sem...
M62253FP MITSUBISHI-M62253FP Datasheet
62Kb / 5P
LITHIUM ION BATTERY CHARGER CONTROL IC
More results


Similar Description - M62253BGP

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3170 ROHM-BA3170 Datasheet
130Kb / 8P
Trickle-charge IC for two-cell, lithium-ion batteries
logo
Mitsumi Electronics, Co...
MM1433 MITSUMI-MM1433 Datasheet
343Kb / 14P
IC for Control of Lithium-ion Batteries Charging
logo
Renesas Technology Corp
M62244FP RENESAS-M62244FP Datasheet
239Kb / 18P
Li-ion Battery Charge Controller IC
M61038FP RENESAS-M61038FP Datasheet
7Mb / 20P
LI-ION BATTERY CHARGE CONTROL, POWER MANAGEMENT IC
logo
Mitsubishi Electric Sem...
M62253AGP MITSUBISHI-M62253AGP Datasheet
200Kb / 10P
Charge Control IC for Li-Ion Batteries
logo
Renesas Technology Corp
M62253AGP RENESAS-M62253AGP Datasheet
4Mb / 11P
Charge Control IC for Li-Ion Batteries
logo
Texas Instruments
TWL2213CA TI1-TWL2213CA Datasheet
438Kb / 31P
POWER SUPPLY MANAGEMENT IC AND Li-Ion BATTERY CHARGE CONTROL
logo
Mean Well Enterprises C...
RCB-1600 MEANWELL-RCB-1600 Datasheet
193Kb / 6P
CHARGER FOR LEAD-ACID BATTERIES AND LI-ION BATTERIES
logo
Mitsumi Electronics, Co...
MM3658AR MITSUMI-MM3658AR Datasheet
2Mb / 22P
Li-ion Battery Charge Control IC
logo
Shenzhen Huazhimei Semi...
HM5401 HMSEMI-HM5401 Datasheet
642Kb / 8P
1 Li-ion/Li-polymer battery charge balance IC
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com