Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD603C14S20C Datasheet (PDF) - Vishay Siliconix

SD603C14S20C Datasheet PDF - Vishay Siliconix
Part # SD603C14S20C
Download  SD603C14S20C Download
File Size   429.94 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description SD603C04S10C

SD603C14S20C Datasheet (PDF)

Go To PDF Page Download Datasheet
SD603C14S20C Datasheet PDF - Vishay Siliconix

Part # SD603C14S20C
Download  SD603C14S20C Click to download

File Size   429.94 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description SD603C04S10C

SD603C14S20C Datasheet (HTML) - Vishay Siliconix


SD603C14S20C Product details

FEATURES
• High power FAST recovery diode series
• 1.0 to 2.0 µs recovery time
• High voltage ratings up to 2200 V
• High current capability
• Optimized turn-on and turn-off characteristics
• Low forward recovery
• Fast and soft reverse recovery
• Press PUK encapsulation
• Case style conform to JEDEC B-43
• Maximum junction temperature 125 °C
• Lead (Pb)-free
• Designed and qualified for industrial level

TYPICAL APPLICATIONS
• Snubber diode for GTO
• High voltage freewheeling diode
• Fast recovery rectifier applications




Similar Part No. - SD603C14S20C

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SD603C14S15C IRF-SD603C14S15C Datasheet
202Kb / 8P
FAST RECOVERY DIODES Hockey Puk Version
logo
Vishay Siliconix
SD603C14S15C VISHAY-SD603C14S15C Datasheet
443Kb / 11P
Fast Recovery Diodes (Hockey PUK Version), 600 A
04-Aug-08
More results






About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com