Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62295GP Datasheet (PDF) - Renesas Technology Corp

M62295GP Datasheet PDF - Renesas Technology Corp
Part # M62295GP
Download  M62295GP Download
File Size   169.84 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LCD Back-light Control IC

M62295GP Datasheet (PDF)

Go To PDF Page Download Datasheet
M62295GP Datasheet PDF - Renesas Technology Corp

Part # M62295GP
Download  M62295GP Click to download

File Size   169.84 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LCD Back-light Control IC

M62295GP Datasheet (HTML) - Renesas Technology Corp


M62295GP Product details

Description
M62295GP is a semiconductor integrated circuit designed for PC back-light control, which employs 2 output totempole output circuit specifically suitable for inverter drive with piezo device.
Such necessary functions as light control, protection circuit are housed in 16-pin SSOP package. This allows for simplified peripheral circuit as well as compact and thin set design.

Features
• Direct drive to n-ch/p-ch MOSFET
• Fixed output duty: 45%
• Output current (peak): ±300 mA
• Light control
   ― Pulse synchronous control
      Output OFF period is adjusted synchronous with the OSC frequency. (1 kHz-200 kHz)
   ― Light control available from 10% (Min.) up to 100% by the voltage applied from outside. (Adj2 terminal)
• Protection functions
   ― 2 kinds of timer-latch time setting available by 3 triggers
      (few seconds, several tens of seconds set by external capacitor)

Application
   LCD Back-light control for Note P.C etc.




Similar Part No. - M62295GP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62295GP MITSUBISHI-M62295GP Datasheet
57Kb / 7P
LCD BACK-LIGHT CONTROL IC
More results


Similar Description - M62295GP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62295GP MITSUBISHI-M62295GP Datasheet
57Kb / 7P
LCD BACK-LIGHT CONTROL IC
logo
Fairchild Semiconductor
FAN7310 FAIRCHILD-FAN7310 Datasheet
360Kb / 10P
LCD Back Light Inverter Drive IC
FAN7300 FAIRCHILD-FAN7300 Datasheet
672Kb / 12P
LCD Back Light Inverter Drive IC
FAN7548 FAIRCHILD-FAN7548 Datasheet
1Mb / 12P
Dual LCD Back Light Inverter Drive IC
FAN7315 FAIRCHILD-FAN7315 Datasheet
315Kb / 8P
LCD Back Light Inverter Drive IC
logo
List of Unclassifed Man...
K-03203GX ETC1-K-03203GX Datasheet
145Kb / 1P
LCD BACK LIGHT, COB TYPE, LCD CHARACTER 16X1(L)
S-00808G ETC1-S-00808G Datasheet
101Kb / 1P
LCD BACK LIGHT, TAB TYPE
S-00201G ETC1-S-00201G Datasheet
105Kb / 1P
LCD BACK LIGHT, COG TYPE
logo
Fairchild Semiconductor
FAN7310 FAIRCHILD-FAN7310_05 Datasheet
359Kb / 12P
LCD Back Light Inverter Drive IC
logo
Princeton Technology Co...
PT16511 PTC-PT16511 Datasheet
372Kb / 5P
LCD Control/Driver IC
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com