Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5S10 Datasheet (PDF) - Vishay Siliconix

SM5S10 Datasheet PDF - Vishay Siliconix
Part # SM5S10
Download  SM5S10 Download
File Size   103.92 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Surface Mount Automotive Transient Voltage Suppressors

SM5S10 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM5S10 Datasheet PDF - Vishay Siliconix

Part # SM5S10
Download  SM5S10 Click to download

File Size   103.92 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Surface Mount Automotive Transient Voltage Suppressors

SM5S10 Datasheet (HTML) - Vishay Siliconix


SM5S10 Product details

Stand-off Voltage 10 to 36V
Peak Pulse Power 3600W (10/1000µs)
2800W (10/10,000µs)

Features
• Ideally suited for load dump protection
• Plastic package has Underwriters Laboratory Flammability Classification 94V-0
• High temperature stability due to unique oxide passivation and patented PAR®construction
• Integrally molded heatsink provides a very low thermal resistance for maximum heat dissipation
• Low leakage current at TJ= 175°C
• High temperature soldering guaranteed: 260°C for 10 seconds at terminals
• Meets ISO7637-2 surge spec.
• Low forward voltage drop




Similar Part No. - SM5S10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SM5S10 VISHAY-SM5S10 Datasheet
27Kb / 3P
Surface Mount Automotive Transient Voltage Suppressors
06-May-02
SM5S10 VISHAY-SM5S10 Datasheet
87Kb / 5P
Surface Mount PAR Transient Voltage Suppressors
18-Apr-11
SM5S10 VISHAY-SM5S10 Datasheet
87Kb / 5P
Surface Mount PAR® Transient Voltage Suppressors
14-Sep-11
logo
Shenzhen Luguang Electr...
SM5S10 LUGUANG-SM5S10 Datasheet
49Kb / 3P
Automotive Transient Voltage Suppressors
logo
Vishay Siliconix
SM5S10 VISHAY-SM5S10 Datasheet
87Kb / 5P
Surface Mount PAR Transient Voltage Suppressors
14-Sep-11
More results


Similar Description - SM5S10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SM5S VISHAY-SM5S Datasheet
27Kb / 3P
Surface Mount Automotive Transient Voltage Suppressors
06-May-02
SM6S VISHAY-SM6S Datasheet
42Kb / 3P
Surface Mount Automotive Transient Voltage Suppressors
01-Aug-02
TPSMB43A VISHAY-TPSMB43A Datasheet
102Kb / 5P
Surface Mount Automotive Transient Voltage Suppressors
10-May-07
3KASMC10 VISHAY-3KASMC10_08 Datasheet
110Kb / 5P
Surface Mount Automotive Transient Voltage Suppressors
21-Oct-08
SM5A27 VISHAY-SM5A27 Datasheet
104Kb / 5P
Surface Mount Automotive Transient Voltage Suppressors
20-Oct-08
logo
SUNMATE electronic Co.,...
SM8S10ACA SUNMATE-SM8S10ACA Datasheet
2Mb / 3P
SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSORS
logo
Shanghai Shunye Electro...
SM8S43 SHUNYE-SM8S43 Datasheet
217Kb / 3P
Surface Mount Automotive Transient Voltage Suppressors
SM5S36A SHUNYE-SM5S36A Datasheet
656Kb / 2P
Surface Mount Automotive Transient Voltage Suppressors
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com