Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSKCS401 Datasheet (PDF) - Vishay Siliconix

VSKCS401 Datasheet PDF - Vishay Siliconix
Part # VSKCS401
Download  VSKCS401 Download
File Size   157.25 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Schottky Rectifier, 200 A

VSKCS401 Datasheet (PDF)

Go To PDF Page Download Datasheet
VSKCS401 Datasheet PDF - Vishay Siliconix

Part # VSKCS401
Download  VSKCS401 Click to download

File Size   157.25 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Schottky Rectifier, 200 A

VSKCS401 Datasheet (HTML) - Vishay Siliconix


VSKCS401 Product details

MECHANICAL DESCRIPTION
The ADD-A-PAK generation VII, new generation of ADD-A-PAK module, combines the excellent thermal performances obtained by the usage of exposed direct bonded copper substrate, with advanced compact simple package solution and simplified internal structure with minimized number of interfaces.

FEATURES
• 175 °C TJ operation
• Low forward voltage drop
• High frequency operation
• Low thermal resistance
• UL pending
• Compliant to RoHS directive 2002/95/EC
• Designed and qualified for industrial level

BENEFITS
• Excellent thermal performances obtained by the usage of exposed direct bonded copper substrate
• High surge capability
• Easy mounting on heatsink




Similar Part No. - VSKCS401

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKCS401-045 VISHAY-VSKCS401-045 Datasheet
143Kb / 7P
ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 400 A
05-Aug-09
VSKCS401 VISHAY-VSKCS401_09 Datasheet
143Kb / 7P
ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 400 A
05-Aug-09
More results


Similar Description - VSKCS401

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
200CNQ045PBF VISHAY-200CNQ045PBF Datasheet
116Kb / 6P
Schottky Rectifier, 200 A
28-Apr-08
209CNQ135PBF VISHAY-209CNQ135PBF Datasheet
117Kb / 6P
Schottky Rectifier, 200 A
28-Apr-08
VSKCS209 VISHAY-VSKCS209 Datasheet
157Kb / 6P
Schottky Rectifier, 200 A
23-Apr-08
VSKDS401 VISHAY-VSKDS401 Datasheet
115Kb / 6P
Schottky Rectifier, 200 A
25-Apr-08
VSKDS403 VISHAY-VSKDS403 Datasheet
115Kb / 6P
Schottky Rectifier, 200 A
25-Apr-08
VSKDS408 VISHAY-VSKDS408 Datasheet
158Kb / 6P
Schottky Rectifier, 200 A
25-Apr-08
VSKDS409 VISHAY-VSKDS409 Datasheet
159Kb / 6P
Schottky Rectifier, 200 A
25-Apr-08
200CNQ045PBF VISHAY-200CNQ045PBF Datasheet
127Kb / 7P
Schottky Rectifier, 200 A
28-Apr-08
VSKCS208 VISHAY-VSKCS208_V01 Datasheet
174Kb / 7P
Schottky Rectifier, 200 A
23-Apr-08
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com