Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSKCS440 Datasheet (PDF) - Vishay Siliconix

VSKCS440 Datasheet PDF - Vishay Siliconix
Part # VSKCS440
Download  VSKCS440 Download
File Size   158.82 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Schottky Rectifier, 440 A

VSKCS440 Datasheet (PDF)

Go To PDF Page Download Datasheet
VSKCS440 Datasheet PDF - Vishay Siliconix

Part # VSKCS440
Download  VSKCS440 Click to download

File Size   158.82 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Schottky Rectifier, 440 A

VSKCS440 Datasheet (HTML) - Vishay Siliconix


VSKCS440 Product details

MECHANICAL DESCRIPTION
The ADD-A-PAK generation VII, new generation of ADD-A-PAK module, combines the excellent thermal performances obtained by the usage of exposed direct bonded copper substrate, with advanced compact simple package solution and simplified internal structure with minimized number of interfaces.

FEATURES
• 150 °C TJ operation
• Low forward voltage drop
• High frequency operation
• Low thermal resistance
• UL approved file E78996
• Compliant to RoHS Directive 2002/95/EC
• Designed and qualified for industrial level

BENEFITS
• Excellent thermal performances obtained by the usage of exposed direct bonded copper substrate
• High surge capability
• Easy mounting on heatsink




Similar Part No. - VSKCS440

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKCS440-030 VISHAY-VSKCS440-030 Datasheet
128Kb / 7P
ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 440 A
09-Mar-11
VSKCS440 VISHAY-VSKCS440_11 Datasheet
128Kb / 7P
ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 440 A
09-Mar-11
More results


Similar Description - VSKCS440

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N5818 VISHAY-1N5818_08 Datasheet
79Kb / 5P
Schottky Rectifier, 1.0 A
06-Nov-08
440CNQ030PBF VISHAY-440CNQ030PBF Datasheet
118Kb / 6P
Schottky Rectifier, 440 A
29-Apr-08
VSKJS440 VISHAY-VSKJS440 Datasheet
160Kb / 6P
Schottky Rectifier, 440 A
25-Apr-08
VSKCS440 VISHAY-VSKCS440_11 Datasheet
128Kb / 7P
ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 440 A
09-Mar-11
VSKJS440 VISHAY-VSKJS440_11 Datasheet
128Kb / 7P
ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 440 A
09-Mar-11
VS-VSKCS440 VISHAY-VS-VSKCS440 Datasheet
926Kb / 7P
ADD-A-PAK Gen 7 Power Modules Schottky Rectifier, 440 A
28-Sep-15
VS-VSKJS440 VISHAY-VS-VSKJS440 Datasheet
140Kb / 7P
ADD-A-PAK Gen 7 Power Modules Schottky Rectifier, 440 A
19-Mar-14
VS-VSKJS440 VISHAY-VS-VSKJS440_V01 Datasheet
180Kb / 7P
AAP Gen 7 (TO-240AA) Power Modules Schottky Rectifier, 440 A
03-May-17
VS-VSKCS440 VISHAY-VS-VSKCS440_V01 Datasheet
180Kb / 7P
AAP Gen 7 (TO-240AA) Power Modules Schottky Rectifier, 440 A
03-May-17
VS-440CNQ030PBF VISHAY-VS-440CNQ030PBF_V01 Datasheet
147Kb / 6P
High Performance Schottky Rectifier, 440 A
11-May-17
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com