Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDE1707FP Datasheet (PDF) - STMicroelectronics

TDE1707FP Datasheet PDF - STMicroelectronics
Part # TDE1707FP
Download  TDE1707FP Download
File Size   93.2 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description INTELLIGENT POWER SWITCH

TDE1707FP Datasheet (PDF)

Go To PDF Page Download Datasheet
TDE1707FP Datasheet PDF - STMicroelectronics

Part # TDE1707FP
Download  TDE1707FP Click to download

File Size   93.2 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description INTELLIGENT POWER SWITCH

TDE1707FP Datasheet (HTML) - STMicroelectronics


TDE1707FP Product details

DESCRIPTION
The TDE1707 is a 0.5A Integrated Power Switch with up to 48V Power supply capability.
Two output configurations are possible:
    - Load to Gnd. (High Side Mode)
    - Load to VS (Low side Mode)
   
■ 0.5A OUTPUT CURRENT
■ LOW SIDE OR HIGH SIDE SWITCH CONFIGURATION
■ 6V TO 48V SUPPLY VOLTAGE RANGE
■ OVERLOAD AND SHORT CIRCUIT PROTECTIONS
■ INTERNAL VOLTAGE CLAMPING
■ SUPPLY AND OUTPUT REVERSAL PROTECTION
■ THERMAL SHUTDOWN
■ GND AND VS OPEN WIRE PROTECTION
■ ADJUSTABLE DELAY AT SWITCH ON
■ INDICATOR STATUS LED DRIVER
■ +5V REGULATED AUX. VOLTAGE
   




Similar Part No. - TDE1707FP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDE1707BFP STMICROELECTRONICS-TDE1707BFP Datasheet
50Kb / 6P
INTELLIGENT POWER SWITCH
Sep-2003
TDE1707BFP STMICROELECTRONICS-TDE1707BFP Datasheet
1Mb / 6P
INTELLIGENT POWER SWITCH
Sep-2003
TDE1707DFT STMICROELECTRONICS-TDE1707DFT Datasheet
218Kb / 15P
Low side or high side switch configuration
03-Oct-2006
More results


Similar Description - TDE1707FP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDE1707BFP STMICROELECTRONICS-TDE1707BFP Datasheet
50Kb / 6P
INTELLIGENT POWER SWITCH
Sep-2003
TDE1798 STMICROELECTRONICS-TDE1798 Datasheet
174Kb / 14P
0.5A INTELLIGENT POWER SWITCH
Nov-1991
TDE3237 STMICROELECTRONICS-TDE3237 Datasheet
153Kb / 7P
INTELLIGENT POWER SWITCH
Nov-1991
TDE1708DFT STMICROELECTRONICS-TDE1708DFT Datasheet
162Kb / 14P
Intelligent power switch
Jan-2007
logo
International Rectifier
IPS6011PBF IRF-IPS6011PBF Datasheet
655Kb / 13P
INTELLIGENT POWER HIGH SIDE SWITCH
logo
STMicroelectronics
TDE1707BFP STMICROELECTRONICS-TDE1707BFP Datasheet
1Mb / 6P
INTELLIGENT POWER SWITCH
Sep-2003
TDE1798 STMICROELECTRONICS-TDE1798_03 Datasheet
1Mb / 14P
0.5A INTELLIGENT POWER SWITCH
Sep-2003
logo
International Rectifier
AUIPS1031 IRF-AUIPS1031_15 Datasheet
641Kb / 17P
INTELLIGENT POWER LOW SIDE SWITCH
AUIPS6011 IRF-AUIPS6011_15 Datasheet
1Mb / 17P
INTELLIGENT POWER HIGH SIDE SWITCH
AUIPS6041 IRF-AUIPS6041_15 Datasheet
1Mb / 20P
INTELLIGENT POWER HIGH SIDE SWITCH
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com