Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E102 Datasheet (PDF) - Vishay Siliconix

E102 Datasheet PDF - Vishay Siliconix
Part # E102
Download  E102 Download
File Size   106.24 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Precision Bulk Metal짰 Foil Extended Value Range Resistor, with TCR of 2 ppm/째C, Tolerance to 0.005 %, and Power Rated at 0.6 W

E102 Datasheet (PDF)

Go To PDF Page Download Datasheet
E102 Datasheet PDF - Vishay Siliconix

Part # E102
Download  E102 Click to download

File Size   106.24 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Precision Bulk Metal짰 Foil Extended Value Range Resistor, with TCR of 2 ppm/째C, Tolerance to 0.005 %, and Power Rated at 0.6 W

E102 Datasheet (HTML) - Vishay Siliconix


E102 Product details

High Precision Bulk Metal® Foil Extended Value Range Resistor, with TCR of 2 ppm/°C, Tolerance to 0.005 %, and Power Rated at 0.6 W

Bulk Metal® foil (BMF) technology outperforms all other resistor technologies available today for applications that require high precision and high stability.
This technology has been pioneered and developed by VISHAY, and products based on this technology are the most suitable for a wide range of applications. BMF technology allows us to produce customer orientated products, designed to satisfy challenging and specific technical requirements.
The E102C (0.150" lead spacing) and E102J (0.200" lead spacing) extends the range of the high precision aerospace and instrumentation standard S102C/J from 150K to 300K.
Our application engineering department is available to advise and to make recommendations. For non-standard technical requirements and special applications, please contact us.

FEATURES
• Temperature coefficient of resistance (TCR):
   - 55 °C to + 125 °C, + 25 °C ref.
   2 ppm/°C typical
• Rated power: to 0.3 W at + 125 °C
• Tolerance: ± 0.005 %
• Load life stability: to ± 0.005 % at 70 °C, 2000 h at rated
   power
• Resistance range: 150 kΩ to 300 kΩ (higher and lower
   values of resistance are available)
• Electrostatic discharge (ESD) above 25 000 V
• Non inductive, non capacitive design
• Rise time: 1 ns without ringing
• Current noise: < - 40 dB
• Thermal EMF: 0.05 µV/°C typical
• Voltage coefficient < 0.1 ppm/V
• Low inductance: < 0.08 µH typical
• Non hot spot design
• Terminal finishes available: lead (Pb)-free
                                               tin/lead alloy
• Matched sets are available on request
   (TCR tracking: to 0.5 ppm/°C)
• For better TCR and PCR performances please review the
   E102Z datasheet




Similar Part No. - E102

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
E102 GILWAY-E102 Datasheet
1Mb / 17P
Miniature LEDs
logo
MicroPower Direct, LLC
E102 MPD-E102 Datasheet
160Kb / 2P
Isolated, Single Output Miniature, 1W SIP DC/DC Converters
logo
3M Electronics
E1020 3M-E1020 Datasheet
1Mb / 6P
Cushion-Mount™ Plus Plate Mounting Tapes with Easy Mount Adhesive
Jul-2010
logo
Hubbell Incorporated.
E1020031 HUBBELL-E1020031 Datasheet
371Kb / 1P
Anchor, PISA Rod, 5/8in X 3.5ft Thimbleye, 5/8in threads
E1020032 HUBBELL-E1020032 Datasheet
371Kb / 1P
Anchor, PISA Rod, 3/4X 3.5ft Thimbleye, 1in threads
More results


Similar Description - E102

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
Z201 VISHAY-Z201_07 Datasheet
112Kb / 5P
Ultra High Precision Z-Foil Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
19-Apr-07
Z202 VISHAY-Z202 Datasheet
103Kb / 4P
Ultra High Precision Z-Foil Miniature Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power and Tolerance to ± 0.01 %
13-Nov-07
logo
Vaishali Semiconductor
VHD200 VAISH-VHD200 Datasheet
130Kb / 5P
Bulk Metal짰 Foil Hermetically sealed, Small Package, Voltage Dividers with TCR Tracking of 0.1 ppm/째C and Tolerance Match down to 0.001 %
logo
Vishay Siliconix
VCS232Z VISHAY-VCS232Z_08 Datasheet
113Kb / 4P
Ultra High Precision Z-Foil Power Current Sensing Resistor with Absolute TCR of 짹 0.05 ppm/째C,PCR of 5ppm at Rated Power and Tolerance of 짹0.02%
16-Apr-07
VHP100 VISHAY-VHP100 Datasheet
96Kb / 4P
Ultra-High Precision Hermetically Sealed Bulk Metal® Foil Technology Resistor with Zero TCR and 0.005 % Tolerance
18-Jun-07
VPR220 VISHAY-VPR220_08 Datasheet
128Kb / 4P
Foil Technology Precision Foil Power Resistors in TO-220 Configuration with TCR 2 ppm/째C,of Tolerance of to 짹 0.01 % and Power Rating to 8 W
05-Jul-07
VRM VISHAY-VRM Datasheet
109Kb / 3P
Bulk Metal® Foil Technology Industrial Miniature Precision Resistor with TCR of ± 4 ppm/°C and Tolerance to ± 0.01 %
12-Jul-07
RS92N VISHAY-RS92N Datasheet
99Kb / 5P
High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.01 % and Load Life Stability of ± 0.005 % CECC Qualified
03-Nov-08
S102C VISHAY-S102C Datasheet
121Kb / 6P
High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
20-Nov-07
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com