Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA2037A Datasheet (PDF) - STMicroelectronics

TEA2037A Datasheet PDF - STMicroelectronics
Part # TEA2037A
Download  TEA2037A Download
File Size   94.08 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HORIZONTAL AND VERTICAL DEFLECTION MONITOR

TEA2037A Datasheet (PDF)

Go To PDF Page Download Datasheet
TEA2037A Datasheet PDF - STMicroelectronics

Part # TEA2037A
Download  TEA2037A Click to download

File Size   94.08 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HORIZONTAL AND VERTICAL DEFLECTION MONITOR

TEA2037A Datasheet (HTML) - STMicroelectronics


TEA2037A Product details

DESCRIPTION
The TEA2037A is an horizontal and vertical deflection circuit. It uses the same concept as TEA2117 but optimised for small screens, for a very low cost solution.
   
FEATURES SUMMARY
■ DIRECT LINE DARLINGTON DRIVE
■ DIRECT FRAME-YOKE DRIVE (± 1A)
■ COMPOSITE VIDEO SIGNAL INPUT
    CAPABILITY
■ FRAME OUTPUT PROTECTION AGAINST
    SHORT CIRCUITS
■ PLL
■ HORIZONTAL OSCILLATOR FREQUENCY
    RANGE FROM 15kHz TO 100kHz
■ VERTICAL OSCILLATOR FREQUENCY
    RANGE FROM 30Hz TO 120Hz
■ VERY FEW EXTERNAL COMPONENTS
■ VERY LOW COST POWER PACKAGE
   




Similar Part No. - TEA2037A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEA2037A STMICROELECTRONICS-TEA2037A Datasheet
137Kb / 14P
HORIZONTAL AND VERTICAL DEFLECTION MONITOR
13-May-2004
TEA2037A STMICROELECTRONICS-TEA2037A_04 Datasheet
137Kb / 14P
HORIZONTAL AND VERTICAL DEFLECTION MONITOR
13-May-2004
More results


Similar Description - TEA2037A

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1888 NTE-NTE1888 Datasheet
33Kb / 4P
Integrated Circuit Horizontal and Vertical Deflection Monitor
NTE7134 NTE-NTE7134 Datasheet
89Kb / 17P
Integrated Circuit Horizontal and Vertical Deflection Controller for Monitors
logo
NXP Semiconductors
TDA4852 PHILIPS-TDA4852 Datasheet
175Kb / 16P
Horizontal and vertical deflection controller for autosync monitors
December 1992
logo
STMicroelectronics
TDA8214B STMICROELECTRONICS-TDA8214B Datasheet
160Kb / 9P
HORIZONTAL AND VERTICAL DEFLECTION CIRCUIT
Sep-1993
TDA8215B STMICROELECTRONICS-TDA8215B Datasheet
145Kb / 9P
HORIZONTAL AND VERTICAL DEFLECTION CIRCUIT
Sep-1993
TDA8218 STMICROELECTRONICS-TDA8218 Datasheet
120Kb / 9P
HORIZONTAL AND VERTICAL DEFLECTION CIRCUIT
Sep-1993
TEA2017 STMICROELECTRONICS-TEA2017 Datasheet
402Kb / 12P
HORIZONTAL AND VERTICAL DEFLECTION MONITOR
TEA2117 STMICROELECTRONICS-TEA2117 Datasheet
465Kb / 8P
Horizontal and vertical deflection monitor
TEA2037A STMICROELECTRONICS-TEA2037A_04 Datasheet
137Kb / 14P
HORIZONTAL AND VERTICAL DEFLECTION MONITOR
13-May-2004
logo
Unisonic Technologies
PC1031 UTC-PC1031_V01 Datasheet
95Kb / 4P
TV HORIZONTAL DEFLECTION HORIZONTAL DEFLECTION
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com