Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MUR820 Datasheet (PDF) - Vishay Siliconix

MUR820 Datasheet PDF - Vishay Siliconix
Part # MUR820
Download  MUR820 Download
File Size   108.63 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Ultrafast Rectifier, 8 A FRED PtTM

MUR820 Datasheet (PDF)

Go To PDF Page Download Datasheet
MUR820 Datasheet PDF - Vishay Siliconix

Part # MUR820
Download  MUR820 Click to download

File Size   108.63 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Ultrafast Rectifier, 8 A FRED PtTM

MUR820 Datasheet (HTML) - Vishay Siliconix


MUR820 Product details

DESCRIPTION/APPLICATIONS
MUR.. series are the state of the art ultrafast recovery rectifiers specifically designed with optimized performance of forward voltage drop and ultrafast recovery time.

FEATURES
• Ultrafast recovery time
• Low forward voltage drop
• Low leakage current
• 175 °C operating junction temperature
• Designed and qualified for industrial level




Similar Part No. - MUR820

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MUR820 MOTOROLA-MUR820 Datasheet
150Kb / 6P
ULTRAFAST RECTIFIERS 8 AMPERES 200-400-600 VOLTS
logo
Intersil Corporation
MUR820 INTERSIL-MUR820 Datasheet
52Kb / 5P
8A, 200V Ultrafast Diodes
January 2000
logo
Micro Commercial Compon...
MUR820 MCC-MUR820 Datasheet
102Kb / 2P
8 Amp S uper Fast Glass Passivated R ec tif ie r 50 to 400 Volts
logo
ON Semiconductor
MUR820 ONSEMI-MUR820 Datasheet
106Kb / 8P
SWITCHMODE Power Rectifiers
December, 2004 ??Rev. 5
logo
International Rectifier
MUR820 IRF-MUR820 Datasheet
196Kb / 8P
Ultrafast Rectifier
More results


Similar Description - MUR820

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
8ETU04 VISHAY-8ETU04 Datasheet
104Kb / 7P
Ultrafast Rectifier, 8 A FRED PtTM
23-Jun-08
8ETU04PBF VISHAY-8ETU04PBF Datasheet
107Kb / 7P
Ultrafast Rectifier, 8 A FRED PtTM
08-Apr-08
8ETU04S VISHAY-8ETU04S Datasheet
123Kb / 7P
Ultrafast Rectifier, 8 A FRED PtTM
08-Sep-08
16CTU04PBF VISHAY-16CTU04PBF_08 Datasheet
119Kb / 7P
Ultrafast Rectifier, 2 x 8 A FRED PtTM
21-Jul-08
16CTU04S VISHAY-16CTU04S_08 Datasheet
125Kb / 7P
Ultrafast Rectifier, 2 x 8 A FRED PtTM
08-Sep-08
16CTU04SPBF VISHAY-16CTU04SPBF_08 Datasheet
576Kb / 7P
Ultrafast Rectifier, 2 x 8 A FRED PtTM
21-Jul-08
8ETU04SPBF VISHAY-8ETU04SPBF Datasheet
125Kb / 7P
Ultrafast Rectifier, 8 A FRED PtTM
21-May-08
MUR820PBF VISHAY-MUR820PBF Datasheet
107Kb / 7P
Ultrafast Rectifier, 8 A FRED PtTM
09-Apr-08
MURB820 VISHAY-MURB820 Datasheet
116Kb / 7P
Ultrafast Rectifier, 8 A FRED PtTM
24-Jun-08
MURB820PBF VISHAY-MURB820PBF Datasheet
122Kb / 7P
Ultrafast Rectifier, 8 A FRED PtTM
05-Sep-08
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com