Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRB1035 Datasheet (PDF) - Vishay Siliconix

MBRB1035 Datasheet PDF - Vishay Siliconix
Part # MBRB1035
Download  MBRB1035 Download
File Size   106.68 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Schottky Rectifier, 10 A

MBRB1035 Datasheet (PDF)

Go To PDF Page Download Datasheet
MBRB1035 Datasheet PDF - Vishay Siliconix

Part # MBRB1035
Download  MBRB1035 Click to download

File Size   106.68 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Schottky Rectifier, 10 A

MBRB1035 Datasheet (HTML) - Vishay Siliconix


MBRB1035 Product details

FEATURES
• Power pack
• Low power loss, high efficiency
• Low forward voltage drop
• High forward surge capability
• High frequency operation
• Meets MSL level 1, per J-STD-020, LF maximum peak of 245 °C (for TO-263AB package)
• Solder bath temperature 275 °C maximum, 10 s, per JESD 22-B106 (for TO-220AC and ITO-220AC package)
• AEC-Q101 qualified available (for ITO-220AC and D2PAK (TO-263AB) package)
• Material categorization: for definitions of compliance please see www.vishay.com/doc?99912

TYPICAL APPLICATIONS
    For use in low voltage, high frequency rectifier of switching mode power supplies, freewheeling diodes, DC/DC converters, and polarity protection application.




Similar Part No. - MBRB1035

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
MBRB1035 GE-MBRB1035 Datasheet
71Kb / 2P
SCHOTTKY RECTIFIER
logo
International Rectifier
MBRB1035 IRF-MBRB1035 Datasheet
100Kb / 17P
5-BIT PROGRAMMABLE SYNCHRONOUS BUCK, NON-SYNCHRONOUS,ADJUSTABLE LDO AND 200mA ON-BOARD LDO
logo
GOOD-ARK Electronics
MBRB1035 GOOD-ARK-MBRB1035 Datasheet
255Kb / 3P
Schottky Barrier Rectifiers
logo
International Rectifier
MBRB1035 IRF-MBRB1035 Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
logo
Vishay Siliconix
MBRB1035 VISHAY-MBRB1035 Datasheet
143Kb / 5P
Schottky Barrier Rectifier
07-May-08
More results


Similar Description - MBRB1035

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
10TQPBF VISHAY-10TQPBF Datasheet
112Kb / 6P
Schottky Rectifier, 10 A
05-Jun-08
10TQS VISHAY-10TQS Datasheet
125Kb / 6P
Schottky Rectifier, 10 A
25-Jun-08
MBR1045PBF VISHAY-MBR1045PBF Datasheet
110Kb / 6P
Schottky Rectifier, 10 A
14-Aug-08
STPS1045BPBF VISHAY-STPS1045BPBF Datasheet
91Kb / 6P
Schottky Rectifier, 10 A
23-Apr-08
10WQ045FNPBF VISHAY-10WQ045FNPBF_11 Datasheet
129Kb / 7P
Schottky Rectifier, 10 A
14-Jan-11
10TQ VISHAY-10TQ_12 Datasheet
144Kb / 7P
Schottky Rectifier, 10 A
05-Jun-08
MBR1035PBF VISHAY-MBR1035PBF_12 Datasheet
157Kb / 7P
Schottky Rectifier, 10 A
29-Aug-11
logo
Kersemi Electronic Co.,...
MBR1045PBF KERSEMI-MBR1045PBF Datasheet
1Mb / 5P
Schottky Rectifier, 10 A
logo
Vishay Siliconix
VS-MBR10PBF VISHAY-VS-MBR10PBF Datasheet
158Kb / 7P
Schottky Rectifier, 10 A
29-Aug-11
VS-10TQPBF VISHAY-VS-10TQPBF Datasheet
167Kb / 7P
Schottky Rectifier, 10 A
11-Oct-11
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com