Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34119 Datasheet (PDF) - Freescale Semiconductor, Inc

34119 Datasheet PDF - Freescale Semiconductor, Inc
Part # 34119
Download  34119 Download
File Size   486.71 Kbytes
Page   17 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Low Power Audio Amplifier

34119 Datasheet (PDF)

Go To PDF Page Download Datasheet
34119 Datasheet PDF - Freescale Semiconductor, Inc

Part # 34119
Download  34119 Click to download

File Size   486.71 Kbytes
Page   17 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Low Power Audio Amplifier

34119 Datasheet (HTML) - Freescale Semiconductor, Inc


34119 Product details

Low Power Audio Amplifier



The 34119 is a low power audio amplifier integrated circuit intended for telephone applications, such as in speakerphones. It provides differential speaker outputs to maximize output swing at low supply voltages (2.0 V minimum). Coupling capacitors to the speaker are not required. Open loop gain is 80 dB, and the closed loop gain is set with two external resistors. A Chip Disable pin permits powering down and/or muting the input signal.



Features

• Wide Operating Supply Voltage Range (2.0 V to 16 V), Allows Telephone Line Powered Applications

• Low Quiescent Supply Current (2.7 mA Typ) for Battery Powered Applications

• Chip Disable Input to Power Down the IC

• Low Power--Down Quiescent Current (65 µA Typ)

• Drives a Wide Range of Speaker Loads (8.0 Ω and Up)

• Output Power Exceeds 250 mW with 32 Ω Speaker

• Low Total Harmonic Distortion (0.5% Typ)

• Gain Adjustable from <0 dB to >46 dB for Voice Band

• Requires Few External Components

• Pb-Free Packaging Designated by Suffix Code EF



 




Similar Part No. - 34119

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
34119 TEC-34119 Datasheet
8Mb / 12P
SOLISTRAND TERMINALS & SPLICES
logo
List of Unclassifed Man...
34119-0 ETC2-34119-0 Datasheet
35Kb / 1P
AMP Terminals and Splices Application Tooling, Servece Kits
More results


Similar Description - 34119

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCMC34119 UTC-UTCMC34119 Datasheet
86Kb / 4P
LOW POWER AUDIO AMPLIFIER
logo
Taiwan Semiconductor Co...
TS34119 TSC-TS34119 Datasheet
492Kb / 11P
Low Power Audio Amplifier
logo
Wuxi Youda electronics ...
YD8602 YOUDA-YD8602 Datasheet
80Kb / 5P
LOW POWER AUDIO AMPLIFIER
logo
List of Unclassifed Man...
GP34119 ETC2-GP34119 Datasheet
551Kb / 8P
LOW POWER AUDIO AMPLIFIER
logo
Taiwan Semiconductor Co...
TS34119 TSC-TS34119_07 Datasheet
744Kb / 13P
Low Power Audio Amplifier
logo
SeCoS Halbleitertechnol...
SPW34119D SECOS-SPW34119D Datasheet
1Mb / 9P
Low Power Audio Amplifier
SSGSC34119 SECOS-SSGSC34119 Datasheet
1Mb / 9P
Low Power Audio Amplifier
logo
Freescale Semiconductor...
MC34119P FREESCALE-MC34119P Datasheet
271Kb / 12P
Low Power Audio Amplifier
MC34119DTBR2 FREESCALE-MC34119DTBR2 Datasheet
271Kb / 12P
LOW POWER AUDIO AMPLIFIER
logo
SeCoS Halbleitertechnol...
SGP34119 SECOS-SGP34119 Datasheet
1Mb / 9P
Low Power Audio Amplifier
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com