Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA5170 Datasheet (PDF) - STMicroelectronics

TEA5170 Datasheet PDF - STMicroelectronics
Part # TEA5170
Download  TEA5170 Download
File Size   157.2 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SWITCH MODE POWER SUPPLY SECONDARY CIRCUIT

TEA5170 Datasheet (PDF)

Go To PDF Page Download Datasheet
TEA5170 Datasheet PDF - STMicroelectronics

Part # TEA5170
Download  TEA5170 Click to download

File Size   157.2 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SWITCH MODE POWER SUPPLY SECONDARY CIRCUIT

TEA5170 Datasheet (HTML) - STMicroelectronics


TEA5170 Product details

DESCRIPTION

The TEA5170 is designed to work in the secondary part of an off-line SMPS, sending pulses to the slaved TEA2260/61 which are located on the primary side of the main transformer. An accurate regulated voltage is obtained by duty cycle control. The TEA5170 can be externally synchronized by higher or lower frequency signal, then it could be used in applications like TV set ones. For more details, refer to application note AN408/0591.



. INTERNAL PWM SIGNAL GENERATOR

. POWER SUPPLY WIDE RANGE 4.5V – 14.5V

. SOFT START

. REFERENCE VOLTAGE 2V ± 5%

. WIDE FREQUENCY RANGE 250kHz

. MINIMUM OUTPUT PULSE WIDTH 500nS

. MAXIMUM PRESET DUTY CYCLE

. SYNCHRONIZATION WINDOW

. OUTPUT SWITCH

. UNDERVOLTAGE LOCKOUT

. FREQUENCY RANGE WITH SYNCHRONIZATION 64kHz



 




Similar Part No. - TEA5170

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEA5101A STMICROELECTRONICS-TEA5101A Datasheet
68Kb / 6P
RGB HIGH VOLTAGE VIDEO AMPLIFIER
10-Jul-2013
TEA5101B STMICROELECTRONICS-TEA5101B Datasheet
61Kb / 6P
RGB HIGH VOLTAGE VIDEO AMPLIFIER
10-Jul-2013
TEA5110 STMICROELECTRONICS-TEA5110 Datasheet
180Kb / 5P
LOW DROP-OUT 5V DUAL VOLTAGE REGULATOR
Nov-1988
TEA5114 STMICROELECTRONICS-TEA5114 Datasheet
48Kb / 4P
RGB SWITCHING CIRCUIT
May-1996
TEA5114A STMICROELECTRONICS-TEA5114A Datasheet
48Kb / 4P
RGB SWITCHING CIRCUIT
May-1996
More results


Similar Description - TEA5170

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7159 NTE-NTE7159 Datasheet
33Kb / 3P
Integrated Circuit Switch Mode Power Supply Controller
logo
STMicroelectronics
TEA2164 STMICROELECTRONICS-TEA2164 Datasheet
177Kb / 15P
SWITCH MODE POWER SUPPLY PRIMARY CIRCUIT
Dec-1992
logo
List of Unclassifed Man...
UAA4006A ETC1-UAA4006A Datasheet
396Kb / 8P
SWITCH MODE POWER SUPPLY CONTROL CIRCUIT
logo
STMicroelectronics
TEA2164S STMICROELECTRONICS-TEA2164S Datasheet
161Kb / 16P
SWITCH MODE POWER SUPPLY PRIMARY CIRCUIT
Jan-1998
logo
Omron Electronics LLC
S8VM03015CD OMRON-S8VM03015CD Datasheet
6Mb / 38P
Switch Mode Power Supply
logo
Compact Technology Corp...
CF2N60I CTC-CF2N60I Datasheet
1Mb / 5P
Switch Mode Power Supply
CF2N60S CTC-CF2N60S Datasheet
1Mb / 5P
Switch Mode Power Supply
CF4N60S CTC-CF4N60S Datasheet
1Mb / 5P
Switch Mode Power Supply
CF6N60S CTC-CF6N60S Datasheet
1Mb / 5P
Switch Mode Power Supply
logo
Omron Electronics LLC
S8VK-C OMRON-S8VK-C Datasheet
4Mb / 20P
Switch Mode Power Supply
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com