Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA6415C Datasheet (PDF) - STMicroelectronics

TEA6415C Datasheet PDF - STMicroelectronics
Part # TEA6415C
Download  TEA6415C Download
File Size   95.65 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description BUS-CONTROLLED VIDEO MATRIX SWITCH

TEA6415C Datasheet (PDF)

Go To PDF Page Download Datasheet
TEA6415C Datasheet PDF - STMicroelectronics

Part # TEA6415C
Download  TEA6415C Click to download

File Size   95.65 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description BUS-CONTROLLED VIDEO MATRIX SWITCH

TEA6415C Datasheet (HTML) - STMicroelectronics


TEA6415C Product details

Description
The main function of the TEA6415C is to switch 8 video input sources on the 6 outputs.
Each output can be switched to only one of the inputs, whereas any single input may be connected to several outputs.
All switching possibilities are controlled through the I2C bus.

Main Features
■ 20 MHz Bandwidth
■ Cascadable with another TEA6415C (Internal Address can be changed by Pin 7 Voltage)
■ 8 Inputs (CVBS, RGB, Chroma, ...)
■ 6 Outputs
■ Possibility of Chroma Signal for each Input by switching off the Clamp with an external Resistor Bridge
■ Bus Controlled
■ 6.5 dB Gain between any Input and Output
■ -55 dB Crosstalk at 5 MHz
■ Full ESD Protection




Similar Part No. - TEA6415C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEA6414A STMICROELECTRONICS-TEA6414A Datasheet
304Kb / 9P
BUS-CONTROLLED VIDEO MATRIX SWITCH
Aug-1992
TEA6417 STMICROELECTRONICS-TEA6417 Datasheet
283Kb / 7P
BUS-CONTROLLED VIDEO MATRIX SWITCH
More results


Similar Description - TEA6415C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEA6420 STMICROELECTRONICS-TEA6420 Datasheet
156Kb / 7P
BUS-CONTROLLED AUDIO MATRIX SWITCH
Feb-2006
TEA6422 STMICROELECTRONICS-TEA6422 Datasheet
168Kb / 10P
BUS-CONTROLLED AUDIO MATRIX
Sep-2003
STV6413 STMICROELECTRONICS-STV6413 Datasheet
626Kb / 28P
Audio/Video Switch Matrix
Feb-2004
TEA6417 STMICROELECTRONICS-TEA6417 Datasheet
283Kb / 7P
BUS-CONTROLLED VIDEO MATRIX SWITCH
logo
New Japan Radio
NJM2277 NJRC-NJM2277 Datasheet
110Kb / 15P
VIDEO SWITCH MATRIX
logo
STMicroelectronics
TEA6414A STMICROELECTRONICS-TEA6414A Datasheet
304Kb / 9P
BUS-CONTROLLED VIDEO MATRIX SWITCH
Aug-1992
logo
ON Semiconductor
NCS6415 ONSEMI-NCS6415 Datasheet
87Kb / 9P
Bus?묬ontrolled Video Matrix Switch
September, 2006 ??Rev. 0
NCS6416 ONSEMI-NCS6416 Datasheet
143Kb / 9P
Low-Voltage, Bus-Controlled Video Matrix Switch
June, 2007 - Rev.0
logo
STMicroelectronics
STV6415A STMICROELECTRONICS-STV6415A Datasheet
197Kb / 15P
I²C bus-controlled video matrix switch
28-Aug-2008
TEA6420DT STMICROELECTRONICS-TEA6420DT Datasheet
152Kb / 7P
BUS-CONTROLLED AUDIO MATRIX SWITCH
Feb-2006
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com