Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST183SPBF Datasheet (PDF) - Vishay Siliconix

ST183SPBF Datasheet PDF - Vishay Siliconix
Part # ST183SPBF
Download  ST183SPBF Download
File Size   253.94 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Inverter Grade Thyristors (Stud Version), 195 A

ST183SPBF Datasheet (PDF)

Go To PDF Page Download Datasheet
ST183SPBF Datasheet PDF - Vishay Siliconix

Part # ST183SPBF
Download  ST183SPBF Click to download

File Size   253.94 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Inverter Grade Thyristors (Stud Version), 195 A

ST183SPBF Datasheet (HTML) - Vishay Siliconix




Similar Part No. - ST183SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST183S IRF-ST183S Datasheet
398Kb / 10P
INVERTER GRADE THYRISTORS Stud Version
ST183S04PFK0 IRF-ST183S04PFK0 Datasheet
398Kb / 10P
INVERTER GRADE THYRISTORS Stud Version
ST183S04PFL0 IRF-ST183S04PFL0 Datasheet
398Kb / 10P
INVERTER GRADE THYRISTORS Stud Version
ST183S08PFK0 IRF-ST183S08PFK0 Datasheet
398Kb / 10P
INVERTER GRADE THYRISTORS Stud Version
ST183S08PFL0 IRF-ST183S08PFL0 Datasheet
398Kb / 10P
INVERTER GRADE THYRISTORS Stud Version
More results


Similar Description - ST183SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST083S IRF-ST083S Datasheet
343Kb / 9P
INVERTER GRADE THYRISTORS Stud Version
ST103S IRF-ST103S Datasheet
351Kb / 10P
INVERTER GRADE THYRISTORS Stud Version
ST173S IRF-ST173S Datasheet
407Kb / 10P
INVERTER GRADE THYRISTORS Stud Version
ST183S IRF-ST183S Datasheet
398Kb / 10P
INVERTER GRADE THYRISTORS Stud Version
ST203S IRF-ST203S Datasheet
361Kb / 10P
INVERTER GRADE THYRISTORS Stud Version
ST223S IRF-ST223S Datasheet
444Kb / 10P
INVERTER GRADE THYRISTORS Stud Version
logo
Vishay Siliconix
ST303SPBF VISHAY-ST303SPBF Datasheet
299Kb / 9P
Inverter Grade Thyristors (Stud Version), 300 A
30-Apr-08
VS-ST083SP VISHAY-VS-ST083SP Datasheet
207Kb / 10P
Inverter Grade Thyristors (Stud Version), 85 A
06-Feb-17
VS-ST183SP VISHAY-VS-ST183SP Datasheet
1Mb / 10P
Inverter Grade Thyristors (Stud Version), 195 A
11-Mar-14
VS-ST183SP VISHAY-VS-ST183SP_V01 Datasheet
288Kb / 10P
Inverter Grade Thyristors (Stud Version), 195 A
22-Aug-17
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com