Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST330SPBF Datasheet (PDF) - Vishay Siliconix

ST330SPBF Datasheet PDF - Vishay Siliconix
Part # ST330SPBF
Download  ST330SPBF Download
File Size   140.09 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Phase Control Thyristors (Stud Version), 330 A

ST330SPBF Datasheet (PDF)

Go To PDF Page Download Datasheet
ST330SPBF Datasheet PDF - Vishay Siliconix

Part # ST330SPBF
Download  ST330SPBF Click to download

File Size   140.09 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Phase Control Thyristors (Stud Version), 330 A

ST330SPBF Datasheet (HTML) - Vishay Siliconix




Similar Part No. - ST330SPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ST330SPBF VISHAY-ST330SPBF_12 Datasheet
162Kb / 8P
Phase Control Thyristors (Stud Version), 330 A
11-Aug-08
More results


Similar Description - ST330SPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
110RKI40PBF VISHAY-110RKI40PBF Datasheet
138Kb / 7P
Phase Control Thyristors (Stud Version), 110 A
11-Aug-08
ST110SPBF VISHAY-ST110SPBF Datasheet
136Kb / 7P
Phase Control Thyristors (Stud Version), 110 A
11-Aug-08
110RKI40PBF VISHAY-110RKI40PBF_09 Datasheet
153Kb / 8P
Phase Control Thyristors (Stud Version), 110 A
04-Nov-09
ST300SPBF VISHAY-ST300SPBF_12 Datasheet
172Kb / 8P
Phase Control Thyristors (Stud Version), 300 A
11-Aug-08
ST330SPBF VISHAY-ST330SPBF_12 Datasheet
162Kb / 8P
Phase Control Thyristors (Stud Version), 330 A
11-Aug-08
VS-ST330SPBF VISHAY-VS-ST330SPBF Datasheet
192Kb / 8P
Phase Control Thyristors (Stud Version), 330 A
01-Mar-17
VS-ST180SVPBF VISHAY-VS-ST180SVPBF Datasheet
193Kb / 8P
Phase Control Thyristors (Stud Version), 200 A
28-Sep-17
VS-180RKIPBF VISHAY-VS-180RKIPBF_V01 Datasheet
179Kb / 8P
Phase Control Thyristors (Stud Version), 180 A
26-Sep-17
VS-ST280S VISHAY-VS-ST280S_V01 Datasheet
185Kb / 8P
Phase Control Thyristors(Stud Version), 280 A
27-Sep-17
VS-ST330SPBF VISHAY-VS-ST330SPBF_V01 Datasheet
193Kb / 8P
Phase Control Thyristors (Stud Version), 330 A
27-Sep-17
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com