Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5065 Datasheet (PDF) - Aeroflex Circuit Technology

5065 Datasheet PDF - Aeroflex Circuit Technology
Part # 5065
Download  5065 Download
File Size   43.41 Kbytes
Page   1 Pages
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology
Description ADAPTERS, BETWEEN SERIES 2.4mm / 3.5mm, DC - 34 GHz

5065 Datasheet (PDF)

Go To PDF Page Download Datasheet
5065 Datasheet PDF - Aeroflex Circuit Technology

Part # 5065
Download  5065 Click to download

File Size   43.41 Kbytes
Page   1 Pages
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology
Description ADAPTERS, BETWEEN SERIES 2.4mm / 3.5mm, DC - 34 GHz

5065 Datasheet (HTML) - Aeroflex Circuit Technology




Similar Part No. - 5065

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5065 ETC2-5065 Datasheet
172Kb / 1P
SMA MALE TO SMA MALE RADIUS RIGHT ANGLE ADAPTER
logo
Time Electronics Ltd.
5065 TIME-ELECTRONICS-5065 Datasheet
453Kb / 2P
5025 Multifunction Calibrator
v2d 27/5/11
5065 TIME-ELECTRONICS-5065 Datasheet
1Mb / 2P
5065 Bench Digital Multimeter
03/20
logo
List of Unclassifed Man...
5065-2 ETC2-5065-2 Datasheet
336Kb / 1P
SWAGE/FORCE FIT STANDOFFS
logo
Molex Electronics Ltd.
50654-1001 MOLEX7-50654-1001 Datasheet
97Kb / 2P
1.01mm (.040") Tab-Type Female Crimp Terminal, Low Insertion Force Type, Tin Plated, AVS (CAV) 0.3, 0.5, 0.85mm짼;
More results


Similar Description - 5065

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9650 PASTERNACK-PE9650 Datasheet
234Kb / 2P
Precision 3.5mm Female to 2.4mm Male Adapter
PE9651 PASTERNACK-PE9651 Datasheet
239Kb / 2P
Precision 3.5mm Male to 2.4mm Female Adapter
logo
List of Unclassifed Man...
ADT-2544-7M-NNM-02 ETC2-ADT-2544-7M-NNM-02 Datasheet
44Kb / 1P
Between-Series Adapters
ADT-2580-NM-SMM-02 ETC2-ADT-2580-NM-SMM-02 Datasheet
67Kb / 1P
Between-Series Adapters
logo
Pasternack Enterprises,...
PE91291 PASTERNACK-PE91291 Datasheet
338Kb / 3P
3.5mm Female to 2.4mm Female Adapter
PE91292 PASTERNACK-PE91292 Datasheet
341Kb / 3P
3.5mm Female to 2.4mm Male Adapter
PE91293 PASTERNACK-PE91293 Datasheet
342Kb / 3P
3.5mm Male to 2.4mm Female Adapter
PE91294 PASTERNACK-PE91294 Datasheet
341Kb / 3P
3.5mm Male to 2.4mm Male Adapter
logo
Winchester Electronics ...
931RPBUFLP WINCHESTER-931RPBUFLP Datasheet
378Kb / 6P
Between Series Adapters
logo
Mini-Circuits
35M-35M50 MINI-35M-35M50 Datasheet
172Kb / 2P
Ultra-wideband, DC-34 GHz
More results




About Aeroflex Circuit Technology


Aeroflex Circuit Technology is a division of Aeroflex Holding Corp, a leading provider of high-performance microelectronic components and subsystems.
Aeroflex Circuit Technology specializes in the design and manufacture of high-quality circuit boards and components for the aerospace and defense, medical, and industrial markets.
The company offers a wide range of products including printed circuit boards (PCBs), microelectronics assemblies, and complete systems.
Aeroflex Circuit Technology is known for its expertise in advanced circuit technology, high-reliability products, and superior customer service.
The company has facilities in various locations across the United States and Europe.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com