Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UH3B Datasheet (PDF) - Vishay Siliconix

UH3B Datasheet PDF - Vishay Siliconix
Part # UH3B
Download  UH3B Download
File Size   108.8 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Surface Mount Ultrafast Rectifier

UH3B Datasheet (PDF)

Go To PDF Page Download Datasheet
UH3B Datasheet PDF - Vishay Siliconix

Part # UH3B
Download  UH3B Click to download

File Size   108.8 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Surface Mount Ultrafast Rectifier

UH3B Datasheet (HTML) - Vishay Siliconix


UH3B Product details

FEATURES

• Low profile package

• Ideal for automated placement

• Oxide planar chip junction

• Ultrafast recovery times for high frequency

• Meets MSL level 1, per J-STD-020, LF maximum peak of 260 °C

• Solder dip 260 °C, 40 s

• Compliant to RoHS directive 2002/95/EC and in accordance to WEEE 2002/96/EC



TYPICAL APPLICATIONS

For use in secondary rectification and freewheeling for ultrafast switching speeds of ac-to-ac and dc-to-dc converters in high temperature conditions for both consumer and automotive applications.



Case:DO-214AB (SMC)




Similar Part No. - UH3B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
UH3B VISHAY-UH3B Datasheet
109Kb / 5P
Surface Mount Ultrafast Rectifier
03-Jun-09
UH3B VISHAY-UH3B Datasheet
90Kb / 5P
Surface Mount Ultrafast Rectifier
17-Dec-12
UH3B-M3 VISHAY-UH3B-M3 Datasheet
89Kb / 4P
Oxide planar chip junction
23-Oct-13
UH3BC VISHAY-UH3BC Datasheet
103Kb / 5P
Surface-Mount Ultrafast Rectifier
09-Apr-2020
UH3B VISHAY-UH3B_09 Datasheet
109Kb / 5P
Surface Mount Ultrafast Rectifier
03-Jun-09
More results


Similar Description - UH3B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
UF1A PANJIT-UF1A_04 Datasheet
38Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER
logo
Vishay Siliconix
US1A VISHAY-US1A Datasheet
107Kb / 5P
Surface Mount Ultrafast Rectifier
27-Aug-07
logo
Pan Jit International I...
UF3A PANJIT-UF3A_09 Datasheet
113Kb / 3P
SURFACE MOUNT ULTRAFAST RECTIFIER
logo
Vishay Siliconix
UH1PB VISHAY-UH1PB Datasheet
83Kb / 5P
Surface Mount Ultrafast Rectifier
19-Apr-11
US1A VISHAY-US1A_11 Datasheet
85Kb / 5P
Surface Mount Ultrafast Rectifier
19-Apr-11
UH1B VISHAY-UH1B_V01 Datasheet
91Kb / 5P
Surface Mount Ultrafast Rectifier
17-Dec-12
UH3B VISHAY-UH3B_V01 Datasheet
90Kb / 5P
Surface Mount Ultrafast Rectifier
17-Dec-12
US1 VISHAY-US1_V01 Datasheet
1Mb / 5P
Surface-Mount Ultrafast Rectifier
08-Apr-2020
UH2B-M3 VISHAY-UH2B-M3 Datasheet
88Kb / 4P
Surface Mount Ultrafast Rectifier
Revision: 23-Oct-13
UH2B VISHAY-UH2B_V01 Datasheet
91Kb / 5P
Surface Mount Ultrafast Rectifier
22-Mar-12
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com