Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UEI-15 Datasheet (PDF) - Murata Manufacturing Co., Ltd.

UEI-15 Datasheet PDF - Murata Manufacturing Co., Ltd.
Part # UEI-15
Download  UEI-15 Download
File Size   1717.39 Kbytes
Page   13 Pages
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.
Description Isolated Wide Input Range 15-Watt DC/DC Converters

UEI-15 Datasheet (PDF)

Go To PDF Page Download Datasheet
UEI-15 Datasheet PDF - Murata Manufacturing Co., Ltd.

Part # UEI-15
Download  UEI-15 Click to download

File Size   1717.39 Kbytes
Page   13 Pages
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.
Description Isolated Wide Input Range 15-Watt DC/DC Converters

UEI-15 Datasheet (HTML) - Murata Manufacturing Co., Ltd.


UEI-15 Product details

PRODUCT OVERVIEW
Wide range 4:1 inputs on the 0.9" x 1.1" x 0.335" converter are either 9 to 36 Volts DC (Q12 models) or 18 to 75 Volts DC (Q48 models), ideal for batterypowered and telecom equipment. The industrystandard pinout fits larger 1" x 2" converters. Fixed output voltages from 3.3 VDC to 15 VDC are regulated to within ±0.2% or less and may be trimmed within ±10% of nominal output. Applications include small instruments, area-limited microcontrollers, computer-based systems, data communications equipment, remote sensor systems, vehicle and portable electronics.

FEATURES
■ Small footprint DC/DC converter, ideal for high current applications
■ Industry standard 0.9" x 1.1" X 0.335" open frame package and pinout
■ Wide range input voltages 9-36 and 18-75 Vdc
■ Double lead-free assembly and attachment for RoHS standards
■ Isolation up to 2250 VDC (basic)
■ Up to 15 Watts or greater total output power with overtemperature shutdown
■ High efficiency synchronous rectifier forward topology
■ Stable no-load operation with no required external components
■ Usable -40 to 85°C temperature range (with derating)
■ Designed to meet UL 60950-1, CAN/CSA-C22.2 No. 60950-1, IEC60950-1, EN60950-1 safety approvals
■ Extensive self-protection shut down features




Similar Part No. - UEI-15

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
UEI-15/3.3-Q12P-C MURATA-UEI-15/3.3-Q12P-C Datasheet
277Kb / 12P
50-60W Isolated Wide-Range DC/DC Converters
logo
Murata Power Solutions ...
UEI-15/3.3-Q12P-C MURATA-PS-UEI-15/3.3-Q12P-C Datasheet
284Kb / 13P
50-60W Isolated Wide-Range DC/DC Converters
logo
Murata Manufacturing Co...
UEI-15/4-Q48N-C MURATA-UEI-15/4-Q48N-C Datasheet
277Kb / 12P
50-60W Isolated Wide-Range DC/DC Converters
logo
Murata Power Solutions ...
UEI-15/4-Q48N-C MURATA-PS-UEI-15/4-Q48N-C Datasheet
284Kb / 13P
50-60W Isolated Wide-Range DC/DC Converters
More results


Similar Description - UEI-15

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MDC_UEI-15W MURATA-MDC_UEI-15W Datasheet
331Kb / 13P
Isolated Wide Input Range 15-Watt DC/DC Converters
logo
RSG Electronic Componen...
EC2EE01 RSG-EC2EE01 Datasheet
49Kb / 1P
15 WATT WIDE INPUT DC-DC CONVERTERS
EC3CB01 RSG-EC3CB01 Datasheet
773Kb / 1P
15 WATT WIDE INPUT DC-DC CONVERTERS
logo
Murata Power Solutions ...
UEI15 MURATA-PS-UEI15 Datasheet
277Kb / 5P
Isolated Wide Input Range 15-Watt DC/DC Converters
UEI15 MURATA-PS-UEI15_10 Datasheet
401Kb / 14P
Isolated Wide Input Range 15-Watt DC/DC Converters
BEI15 MURATA-PS-BEI15 Datasheet
270Kb / 13P
Isolated Wide Input Bipolar 15-Watt DC/DC Converters
logo
Murata Manufacturing Co...
BEI15 MURATA-BEI15 Datasheet
270Kb / 13P
Isolated Wide Input Bipolar 15-Watt DC/DC Converters
BEI15 MURATA-BEI15_11 Datasheet
255Kb / 13P
Isolated Wide Input Bipolar 15-Watt DC/DC Converters
UEI15 MURATA-UEI15_11 Datasheet
700Kb / 16P
Isolated Wide Input Range 15-Watt DC/DC Converters
logo
Murata Power Solutions ...
BPM15 MURATA-PS-BPM15 Datasheet
430Kb / 29P
Encapsulated Isolated Wide Input Bipolar 15-Watt DC-DC Converters
More results




About Murata Manufacturing Co., Ltd.


Murata Manufacturing Co., Ltd. is a Japanese multinational electronics company headquartered in Nagaokakyo, Kyoto, Japan.
The company was founded in 1944 and has since become a leading manufacturer of electronic components, including ceramic capacitors, wireless communication modules, and sensors.
Murata also offers a wide range of other products and solutions such as battery management systems, power supplies, and energy harvesting systems.
The company operates globally and has a strong reputation for quality and innovation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com