Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCE20A Datasheet (PDF) - Vishay Siliconix

LCE20A Datasheet PDF - Vishay Siliconix
Part # LCE20A
Download  LCE20A Download
File Size   93.7 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low Capacitance TRANSZORB® Transient Voltage Suppressors

LCE20A Datasheet (PDF)

Go To PDF Page Download Datasheet
LCE20A Datasheet PDF - Vishay Siliconix

Part # LCE20A
Download  LCE20A Click to download

File Size   93.7 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low Capacitance TRANSZORB® Transient Voltage Suppressors

LCE20A Datasheet (HTML) - Vishay Siliconix


LCE20A Product details

FEATURES
• Glass passivated chip junction
• 1500 W peak pulse power capability with a
   10/1000 µs waveform, repetitive rate (duty
   cycle): 0.01 %
• Excellent clamping capability
• Very fast response time
• Low incremental surge resistance
• Solder dip 260 °C, 40 s
• Component in accordance to RoHS 2002/95/EC
   and WEEE 2002/96/EC

TYPICAL APPLICATIONS
   Use in sensitive electronics protection against voltage
   transients induced by inductive load switching
   and lighting on ICs, MOSFET, signal lines of sensor
   units for consumer, computer, industrial and
   telecommunication.




Similar Part No. - LCE20A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
LCE20A EIC-LCE20A Datasheet
56Kb / 3P
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
LCE20A MICROSEMI-LCE20A Datasheet
85Kb / 2P
TRANSIENT ABSORPTION ZENER
logo
Littelfuse
LCE20A LITTELFUSE-LCE20A Datasheet
121Kb / 4P
Silicon Avalanche Diodes - 1500W Axial Leaded Transient Voltage Supressors
LCE20A LITTELFUSE-LCE20A Datasheet
121Kb / 4P
1500W Axial Leaded Transient Voltage Supressors
logo
TAITRON Components Inco...
LCE20A TAITRON-LCE20A Datasheet
179Kb / 5P
1500W Low Capacitance Transient Voltage Suppressor
More results


Similar Description - LCE20A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P4KE6.8 VISHAY-P4KE6.8 Datasheet
107Kb / 6P
TRANSZORB® Transient Voltage Suppressors
22-Oct-08
SAC50 VISHAY-SAC50 Datasheet
97Kb / 4P
Low Capacitance TRANSZORB® Transient Voltage Suppressors
20-Oct-08
logo
Rectron Semiconductor
BSAC5.0 RECTRON-BSAC5.0 Datasheet
414Kb / 5P
LOW CAPACITANCE TRANSZORB Transient Voltage Suppressors
SAC5.0 RECTRON-SAC5.0 Datasheet
298Kb / 3P
Low Capacitance TRANSZORB Transient Voltage Suppressors
logo
Vishay Siliconix
LCE28A VISHAY-LCE28A_12 Datasheet
80Kb / 4P
Low Capacitance TRANSZORB® Transient Voltage Suppressors
22-Nov-11
5KP30A-E3-54 VISHAY-5KP30A-E3-54 Datasheet
88Kb / 5P
TRANSZORB® Transient Voltage Suppressors
20-Nov-12
1.5KE12A-E3-73 VISHAY-1.5KE12A-E3-73 Datasheet
108Kb / 7P
TRANSZORB® Transient Voltage Suppressors
22-Oct-08
SAC12-E3 VISHAY-SAC12-E3 Datasheet
81Kb / 4P
Low Capacitance TRANSZORB Transient Voltage Suppressors
18-Nov-13
5KP188A VISHAY-5KP188A_V02 Datasheet
88Kb / 5P
5KP8.5A thru 5KP188A
24-Jun-14
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com