Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAC30 Datasheet (PDF) - Vishay Siliconix

SAC30 Datasheet PDF - Vishay Siliconix
Part # SAC30
Download  SAC30 Download
File Size   97.8 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low Capacitance TRANSZORB® Transient Voltage Suppressors

SAC30 Datasheet (PDF)

Go To PDF Page Download Datasheet
SAC30 Datasheet PDF - Vishay Siliconix

Part # SAC30
Download  SAC30 Click to download

File Size   97.8 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low Capacitance TRANSZORB® Transient Voltage Suppressors

SAC30 Datasheet (HTML) - Vishay Siliconix


SAC30 Product details

FEATURES

• Glass passivated chip junction

• 500 W peak pulse power capability with a 10/1000 μs waveform, repetitive rate (duty cycle): 0.01 %

• Excellent clamping capability

• Very fast response time

• Low incremental surge resistance

• Solder dip 275 °C max. 10 s, per JESD 22-B106



TYPICAL APPLICATIONS

Use in sensitive electronics protection against voltage transients induced by inductive load switching and lighting on ICs, MOSFET, signal lines of sensor units for consumer, computer, industrial, and telecommunication.




Similar Part No. - SAC30

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SAC30 EIC-SAC30 Datasheet
38Kb / 2P
LOW CAPACITANCE TRANSIENT VOLTAGE VBR : 5.0 - 50 Volts SUPPRESSOR
logo
Weitron Technology
SAC30 WEITRON-SAC30 Datasheet
101Kb / 3P
Low Capacitance Tranient Voltage Suppressor
logo
Taiwan Semiconductor Co...
SAC30 TSC-SAC30 Datasheet
83Kb / 4P
Low Capacitance Transient Voltage Suppressor Diodes
logo
TAITRON Components Inco...
SAC30 TAITRON-SAC30 Datasheet
136Kb / 4P
500W Low Capacitance Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
SAC30 MDE-SAC30 Datasheet
72Kb / 3P
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
More results


Similar Description - SAC30

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P4KE6.8 VISHAY-P4KE6.8 Datasheet
107Kb / 6P
TRANSZORB® Transient Voltage Suppressors
22-Oct-08
LCE28A VISHAY-LCE28A Datasheet
93Kb / 5P
Low Capacitance TRANSZORB® Transient Voltage Suppressors
20-Oct-08
logo
Rectron Semiconductor
BSAC5.0 RECTRON-BSAC5.0 Datasheet
414Kb / 5P
LOW CAPACITANCE TRANSZORB Transient Voltage Suppressors
SAC5.0 RECTRON-SAC5.0 Datasheet
298Kb / 3P
Low Capacitance TRANSZORB Transient Voltage Suppressors
logo
Vishay Siliconix
LCE28A VISHAY-LCE28A_12 Datasheet
80Kb / 4P
Low Capacitance TRANSZORB® Transient Voltage Suppressors
22-Nov-11
5KP30A-E3-54 VISHAY-5KP30A-E3-54 Datasheet
88Kb / 5P
TRANSZORB® Transient Voltage Suppressors
20-Nov-12
1.5KE12A-E3-73 VISHAY-1.5KE12A-E3-73 Datasheet
108Kb / 7P
TRANSZORB® Transient Voltage Suppressors
22-Oct-08
SAC12-E3 VISHAY-SAC12-E3 Datasheet
81Kb / 4P
Low Capacitance TRANSZORB Transient Voltage Suppressors
18-Nov-13
5KP188A VISHAY-5KP188A_V02 Datasheet
88Kb / 5P
5KP8.5A thru 5KP188A
24-Jun-14
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com