Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA40 Datasheet (PDF) - Vishay Siliconix

SA40 Datasheet PDF - Vishay Siliconix
Part # SA40
Download  SA40 Download
File Size   117.8 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description TRANSZORB® Transient Voltage Suppressors

SA40 Datasheet (PDF)

Go To PDF Page Download Datasheet
SA40 Datasheet PDF - Vishay Siliconix

Part # SA40
Download  SA40 Click to download

File Size   117.8 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description TRANSZORB® Transient Voltage Suppressors

SA40 Datasheet (HTML) - Vishay Siliconix


SA40 Product details

FEATURES
• Glass passivated chip junction
• Available in uni-directional and bi-directional
• 500 W peak pulse power capability with a 10/1000 µs waveform, repetitive rate (duty cycle): 0.01 %
• Excellent clamping capability
• Very fast response time
• Low incremental surge resistance
• Solder dip 260 °C, 40 s
• Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC

TYPICAL APPLICATIONS
    Use in sensitive electronics protection against voltage transients induced by inductive load switching and lighting on ICs, MOSFET, signal lines of sensor units for consumer, computer, industrial and telecommunication.




Similar Part No. - SA40

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA40 PANJIT-SA40 Datasheet
169Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Won-Top Electronics
SA40 WTE-SA40 Datasheet
68Kb / 5P
500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Bytes
SA40 BYTES-SA40 Datasheet
313Kb / 4P
500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Dc Components
SA40 DCCOM-SA40 Datasheet
792Kb / 4P
TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
SA40 EIC-SA40 Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
More results


Similar Description - SA40

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
5KP188A VISHAY-5KP188A Datasheet
104Kb / 6P
TRANSZORB® Transient Voltage Suppressors
21-Oct-08
BZW04P-5V8 VISHAY-BZW04P-5V8 Datasheet
105Kb / 6P
TRANSZORB® Transient Voltage Suppressors
22-Oct-08
P4KE6.8 VISHAY-P4KE6.8 Datasheet
107Kb / 6P
TRANSZORB® Transient Voltage Suppressors
22-Oct-08
5KP30A-E3-54 VISHAY-5KP30A-E3-54 Datasheet
88Kb / 5P
TRANSZORB® Transient Voltage Suppressors
20-Nov-12
1.5KE12A-E3-73 VISHAY-1.5KE12A-E3-73 Datasheet
108Kb / 7P
TRANSZORB® Transient Voltage Suppressors
22-Oct-08
P6KE400CA-E354 VISHAY-P6KE400CA-E354 Datasheet
93Kb / 6P
TRANSZORB® Transient Voltage Suppressors
18-Sep-12
ICTE8-E354 VISHAY-ICTE8-E354 Datasheet
89Kb / 5P
TRANSZORB® Transient Voltage Suppressors
18-Sep-12
5KP188A VISHAY-5KP188A_V02 Datasheet
88Kb / 5P
5KP8.5A thru 5KP188A
24-Jun-14
5KP188A VISHAY-5KP188A_V03 Datasheet
82Kb / 5P
TRANSZORB® Transient Voltage Suppressors
23-Jun-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com