Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2431 Datasheet (PDF) - STMicroelectronics

TS2431 Datasheet PDF - STMicroelectronics
Part # TS2431
Download  TS2431 Download
File Size   278.42 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description PROGRAMMABLE SHUNT VOLTAGE REFERENCE

TS2431 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS2431 Datasheet PDF - STMicroelectronics

Part # TS2431
Download  TS2431 Click to download

File Size   278.42 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description PROGRAMMABLE SHUNT VOLTAGE REFERENCE

TS2431 Datasheet (HTML) - STMicroelectronics


TS2431 Product details

Description
The TS2431 is an adjustable shunt voltage reference with guaranteed temperature stability over the entire temperature range of operations from - 40 to + 105 °C. The output voltage may be set to any value between 2.5 and 24 V with an external resistor bridge. Available in an SOT23- 3L surface mount package, the device can be implemented for those applications where spacesaving is of the utmost importance.

Features
 • Adjustable output voltage: 2.5 to 24 V
 • Precision selection at 25 °C: ± 2%, ± 1% and ± 0.5%
 • Sink current capability: 1 to 100 mA
 • Industrial temperature range: - 40 to + 105 °C
 • Performance compatible with industrystandard TL431

Applications
 • Computers
 • Instrumentation
 • Battery chargers
 • Switch mode power supplies
 • Battery-operated equipment




Similar Part No. - TS2431

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2431 TSC-TS2431 Datasheet
902Kb / 13P
Adjustable Precision Shunt Regulator
TS2431ACSRL TSC-TS2431ACSRL Datasheet
902Kb / 13P
Adjustable Precision Shunt Regulator
TS2431ACTA3 TSC-TS2431ACTA3 Datasheet
902Kb / 13P
Adjustable Precision Shunt Regulator
TS2431ACTB0 TSC-TS2431ACTB0 Datasheet
902Kb / 13P
Adjustable Precision Shunt Regulator
TS2431ACXRF TSC-TS2431ACXRF Datasheet
902Kb / 13P
Adjustable Precision Shunt Regulator
More results


Similar Description - TS2431

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4041 SEMTECH-SC4041 Datasheet
139Kb / 6P
PRECISION SHUNT VOLTAGE REFERENCE
logo
Advanced Monolithic Sys...
AMS4041 ADMOS-AMS4041 Datasheet
61Kb / 6P
MICROPOWER SHUNT VOLTAGE REFERENCE
logo
STMicroelectronics
TS3431 STMICROELECTRONICS-TS3431 Datasheet
333Kb / 11P
1.24V Programmable Shunt Voltage Reference
Dec-2004
TS3431 STMICROELECTRONICS-TS3431_07 Datasheet
145Kb / 10P
1.24V programmable shunt voltage reference
26-Jun-2007
logo
Analog Microelectronics
AME40 AME-AME40_1 Datasheet
181Kb / 14P
Shunt Bandgap Voltage Reference
AME41-ADJ AME-AME41-ADJ_1 Datasheet
164Kb / 12P
Shunt Bandgap Voltage Reference
logo
Advanced Monolithic Sys...
AMS4041 ADMOS-AMS4041_1 Datasheet
61Kb / 6P
MICROPOWER SHUNT VOLTAGE REFERENCE
logo
STMicroelectronics
TLVH431 STMICROELECTRONICS-TLVH431 Datasheet
823Kb / 15P
Programmable shunt voltage reference
23-Nov-2015
logo
Taiwan Semiconductor Co...
TS431 TSC-TS431_15 Datasheet
4Mb / 13P
2.495V Programmable Shunt Voltage Reference
TS431XRIX-Z TSC-TS431XRIX-Z Datasheet
449Kb / 7P
2.495V Programmable Shunt Voltage Reference
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com