Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS372C Datasheet (PDF) - STMicroelectronics

TS372C Datasheet PDF - STMicroelectronics
Part # TS372C
Download  TS372C Download
File Size   51.78 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW POWER DUAL CMOS VOLTAGE COMPARATORS

TS372C Datasheet (PDF)

Go To PDF Page Download Datasheet
TS372C Datasheet PDF - STMicroelectronics

Part # TS372C
Download  TS372C Click to download

File Size   51.78 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW POWER DUAL CMOS VOLTAGE COMPARATORS

TS372C Datasheet (HTML) - STMicroelectronics


TS372C Product details

DESCRIPTION

These devices consist of two independent precision voltage comparators, designed to operate with single or dual supplies. These differential comparators use the STMicro electronics silicon lin MOS process giving them an excellent consumption-speed ratio.

These devices are ideally suited for low consumption applications.



■ WIDE SINGLE SUPPLY RANGE OR DUAL

   SUPPLIES 3V TO 16V OR ±1.5V TO ±8V

■ VERY LOW SUPPLY CURRENT: 0.1mA/COMP INDEPENDENT OF SUPPLY VOLTAGE

■ EXTREMELY LOW INPUT BIAS CURRENT : 1pA typ

■ EXTREMELY LOW INPUT OFFSET CURRENTS : 1pA typ

■ LOW INPUT OFFSET VOLTAGE

■ INPUT COMMON-MODE VOLTAGE RANGE INCLUDES GND

■ LOW OUTPUT SATURATION VOLTAGE 150mV TYP

■ OUTPUT COMPATIBLE WITH TTL, MOS AND CMOS

■ HIGH INPUT IMPEDANCE : 1012Ω typ

■ FAST RESPONSE TIME : 200ns TYP FOR TTL LEVEL INPUT STEP



 




Similar Part No. - TS372C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS372C STMICROELECTRONICS-TS372C Datasheet
84Kb / 5P
LOW POWER DUAL CMOS VOLTAGE COMPARATOR
Feb-2002
TS372CD STMICROELECTRONICS-TS372CD Datasheet
128Kb / 10P
Low power dual CMOS voltage comparator
28-Apr-2011
TS372CDT STMICROELECTRONICS-TS372CDT Datasheet
128Kb / 10P
Low power dual CMOS voltage comparator
28-Apr-2011
TS372CN STMICROELECTRONICS-TS372CN Datasheet
128Kb / 10P
Low power dual CMOS voltage comparator
28-Apr-2011
More results


Similar Description - TS372C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM2903 STMICROELECTRONICS-LM2903 Datasheet
628Kb / 9P
LOW POWER DUAL VOLTAGE COMPARATORS
Jun-2003
LM193W STMICROELECTRONICS-LM193W Datasheet
169Kb / 10P
LOW POWER DUAL VOLTAGE COMPARATORS
May-2004
LM2903H STMICROELECTRONICS-LM2903H Datasheet
86Kb / 5P
LOW POWER DUAL VOLTAGE COMPARATORS
Sep-2003
LM193 STMICROELECTRONICS-LM193 Datasheet
264Kb / 15P
Low Power Dual Voltage Comparators
Feb-2006
LM2902 STMICROELECTRONICS-LM2902_07 Datasheet
264Kb / 15P
Low Power Dual Voltage Comparators
February 2006 Rev. 6
LM2902W STMICROELECTRONICS-LM2902W_07 Datasheet
264Kb / 15P
Low Power Dual Voltage Comparators
February 2006 Rev. 6
LM2903 STMICROELECTRONICS-LM2903_07 Datasheet
264Kb / 14P
LOW POWER DUAL VOLTAGE COMPARATORS
Feb-2006
LM2903H STMICROELECTRONICS-LM2903H_05 Datasheet
264Kb / 7P
Low Power Dual Voltage Comparators
Feb-2006
LM193 STMICROELECTRONICS-LM193_08 Datasheet
234Kb / 15P
Low power dual voltage comparators
19-Feb-2008
LM2903H STMICROELECTRONICS-LM2903H_08 Datasheet
131Kb / 9P
Low power dual voltage comparators
27-Mar-2008
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com