Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5722R Datasheet (PDF) - Analog Devices

AD5722R Datasheet PDF - Analog Devices
Part # AD5722R
Download  AD5722R Download
File Size   295.2 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs

AD5722R Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5722R Datasheet PDF - Analog Devices

Part # AD5722R
Download  AD5722R Click to download

File Size   295.2 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs

AD5722R Datasheet (HTML) - Analog Devices


AD5722R Product details

GENERAL DESCRIPTION
The AD5722R/AD5732R/AD5752R are dual, 12-/14-/16-bit, serial input, voltage output digital-to-analog converters. They operate from single supply voltages of +4.5 V up to +16.5 V or dual supply voltages from ±4.5 V up to ±16.5 V.
Nominal full-scale output range is software selectable from +5 V, +10 V, +10.8 V, ±5 V, ±10 V, or ±10.8 V. Integrated output amplifiers, reference buffers, and proprietary power-up/power down control circuitry are also provided.
The devices offer guaranteed monotonicity, integral nonlinearity (INL) of ±16 LSB maximum, low noise, 10 μs maximum settling time, and an on-chip +2.5 V reference.

FEATURES
   Complete, dual, 12-/14-/16-bit digital-to-analog converter (DAC)
   Operates from single/dual supplies
   Software programmable output range
      +5 V, +10 V, +10.8 V, ±5 V, ±10 V, ±10.8 V
   INL error: ±16 LSB maximum, DNL error: ±1 LSB maximum
   Total unadjusted error (TUE): 0.1% FSR maximum
   Settling time: 10 μs typical
   Integrated reference: 5 ppm/°C maximum
   Integrated reference buffers
   Output control during power-up/brownout
   Simultaneous updating via LDAC
   Asynchronous CLR to zero scale or midscale
   DSP-/microcontroller-compatible serial interface
   24-lead TSSOP
   Operating temperature range: −40°C to +85°C
   iCMOS process technology1

APPLICATIONS
   Industrial automation
   Closed-loop servo control, process control
   Automotive test and measurement
   Programmable logic controllers




Similar Part No. - AD5722R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5722R AD-AD5722R Datasheet
523Kb / 20P
Quad 12-Bit Serial Input Unipolar/Bipolar Voltage Output DAC
4/07-Revision 0
AD5722R AD-AD5722R Datasheet
1Mb / 32P
Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
2/2017-Rev. E to Rev. F
AD5722RBREZ AD-AD5722RBREZ Datasheet
1Mb / 32P
Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
2/2017-Rev. E to Rev. F
AD5722RBREZ-REEL7 AD-AD5722RBREZ-REEL7 Datasheet
1Mb / 32P
Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
2/2017-Rev. E to Rev. F
AD5722R AD-AD5722R_17 Datasheet
1Mb / 32P
Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
2/2017-Rev. E to Rev. F
More results


Similar Description - AD5722R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5722 AD-AD5722 Datasheet
1,010Kb / 32P
Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
REV. 0
AD5724 AD-AD5724 Datasheet
1Mb / 32P
Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
REV. 0
AD5722 AD-AD5722_15 Datasheet
1Mb / 32P
Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
REV. D
AD5724 AD-AD5724_15 Datasheet
1Mb / 32P
Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
REV. D
AD5732 AD-AD5732_15 Datasheet
1Mb / 32P
Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
REV. D
AD5752 AD-AD5752_15 Datasheet
1Mb / 32P
Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
REV. D
AD5754 AD-AD5754_15 Datasheet
1Mb / 32P
Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
REV. D
AD5722 AD-AD5722_17 Datasheet
1Mb / 31P
Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
2/2017-Rev. E to Rev. F
AD5722R AD-AD5722R_17 Datasheet
1Mb / 32P
Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
2/2017-Rev. E to Rev. F
AD5724 AD-AD5724_17 Datasheet
1Mb / 31P
Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
2/2017-Rev. E to Rev. F
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com