Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5821A Datasheet (PDF) - Analog Devices

AD5821A Datasheet PDF - Analog Devices
Part # AD5821A
Download  AD5821A Download
File Size   500.16 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 120 mA, Current Sinking, 10-Bit, I2C DAC

AD5821A Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5821A Datasheet PDF - Analog Devices

Part # AD5821A
Download  AD5821A Click to download

File Size   500.16 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 120 mA, Current Sinking, 10-Bit, I2C DAC

AD5821A Datasheet (HTML) - Analog Devices


AD5821A Product details

GENERAL DESCRIPTION
The AD5821A is a single, 10-bit digital-to-analog converter (DAC) with output current sinking capability of 120 mA. It features an internal reference and operates from a single 2.7 V to 5.5 V supply. The DAC is controlled via a 2-wire, I2C®- compatible serial interface that operates at clock rates up to 400 kHz.

FEATURES
   Current sink: 120 mA
   Available in 3 × 3 array WLCSP package
   2-wire, (I2C-compatible) 1.8 V serial interface
   10-bit resolution
   Integrated current sense resistor
   Power supply range: 2.7 V to 5.5 V
   Guaranteed monotonic over all codes
   Power down to 0.5 μA typical
   Internal reference
   Ultralow noise preamplifier
   Power-down function
   Power-on reset




Similar Part No. - AD5821A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5821 AD-AD5821 Datasheet
506Kb / 16P
120 mA, Current Sinking, 10-Bit, I2C DAC
REV. 0
AD5821 AD-AD5821 Datasheet
395Kb / 6P
Tape and Reel Packaging
AD5821 AD-AD5821 Datasheet
395Kb / 6P
Tape and Reel Packaging
AD5821-WAFER AD-AD5821-WAFER Datasheet
506Kb / 16P
120 mA, Current Sinking, 10-Bit, I2C DAC
REV. 0
AD5821BCBZ-REEL1 AD-AD5821BCBZ-REEL1 Datasheet
506Kb / 16P
120 mA, Current Sinking, 10-Bit, I2C DAC
REV. 0
More results


Similar Description - AD5821A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5398 AD-AD5398 Datasheet
319Kb / 16P
120 mA, Current Sinking, 10-Bit, I2C DAC
7/05-Rev. 0 to Rev. A
AD5821 AD-AD5821 Datasheet
506Kb / 16P
120 mA, Current Sinking, 10-Bit, I2C DAC
REV. 0
logo
Aimtron Technology
AT5510 AIMTRON-AT5510 Datasheet
208Kb / 12P
120mA, Current Sinking, 10-bit I2C DAC for VCM Driver
logo
Analog Devices
AD5398A AD-AD5398A Datasheet
475Kb / 16P
120 mA, Current Sinking, 10-Bit, I2C DAC
REV. 0
logo
Maxim Integrated Produc...
DS4432 MAXIM-DS4432 Datasheet
217Kb / 9P
Dual-Channel, I2C, 7-Bit Sink/Source Current DAC
Rev 0; 12/08
MAX5547 MAXIM-MAX5547_09 Datasheet
274Kb / 12P
Dual, 10-Bit, Current-Sink Output DAC
Rev 2; 7/09
logo
Princeton Technology Co...
PT5661 PTC-PT5661 Datasheet
217Kb / 5P
102.3mA, Current Sinking, 10-bit, I짼C DAC
logo
Analog Devices
AD5398 AD-AD5398_15 Datasheet
580Kb / 17P
120 mA, Current Sinking, 10-Bit, IC DAC
REV. B
logo
Global Mixed-mode Techn...
G2003 GMT-G2003 Datasheet
134Kb / 1P
120mA, Current Sinking, 10-bit I2C DAC for VCM Driver
logo
Maxim Integrated Produc...
MAX5112 MAXIM-MAX5112 Datasheet
9Mb / 28P
9-Channel, 14-Bit, Current DAC with I2C Interface
19-3563; Rev 1; 5/05
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com