Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7156 Datasheet (PDF) - Analog Devices

AD7156 Datasheet PDF - Analog Devices
Part # AD7156
Download  AD7156 Download
File Size   533.24 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultralow Power, 1.8 V, 3 mm 횞 3 mm, 2-Channel Capacitance Converter

AD7156 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7156 Datasheet PDF - Analog Devices

Part # AD7156
Download  AD7156 Click to download

File Size   533.24 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultralow Power, 1.8 V, 3 mm 횞 3 mm, 2-Channel Capacitance Converter

AD7156 Datasheet (HTML) - Analog Devices


AD7156 Product details

GENERAL DESCRIPTION

The AD7156 delivers a complete signal processing solution for capacitive sensors, featuring an ultralow power converter with fast response time.

The AD7156 uses an Analog Devices, Inc., capacitance-to digital converter (CDC) technology, which combines features important for interfacing to real sensors, such as high input sensitivity and high tolerance of both input parasitic ground capacitance and leakage current.

The integrated adaptive threshold algorithm compensates for any variations in the sensor capacitance due to environmental factors like humidity and temperature or due to changes in the

dielectric material over time. 



FEATURES

Ultralow power

  Power supply voltage: 1.8 V to 3.6 V

  Operation power supply current: 70 μA typical

  Power-down current: 2 μA typical

Fast response time

  Conversion time: 10 ms per channel

  Wake-up time from serial interface: 300 μs

Adaptive environmental compensation

2 capacitance input channels

  Sensor capacitance (CSENS): 0 pF up to 13 pF

  Sensitivity up to 3 fF

2 modes of operation

  Standalone with fixed settings

  Interfaced to a microcontroller for user-defined settings

2 detection output flags

2-wire serial interface (I2C-compatible)

Operating temperature: −40°C to +85°C

10-lead LFCSP package (3 mm × 3 mm × 0.8 mm)



APPLICATIONS

Buttons and switches

Proximity sensing

Contactless switching

Position detection

Level detection

Portable products



 




Similar Part No. - AD7156

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7156 AD-AD7156 Datasheet
396Kb / 29P
2-Channel Capacitance Converter
Rev. 0
AD7156BCPZ-REEL AD-AD7156BCPZ-REEL Datasheet
396Kb / 29P
2-Channel Capacitance Converter
Rev. 0
AD7156BCPZ-REEL7 AD-AD7156BCPZ-REEL7 Datasheet
396Kb / 29P
2-Channel Capacitance Converter
Rev. 0
AD7156 AD-AD7156_17 Datasheet
396Kb / 29P
2-Channel Capacitance Converter
Rev. 0
More results


Similar Description - AD7156

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN217RPH PANASONIC-LN217RPH_08 Datasheet
317Kb / 3P
5.3 mm 횞 1.8 mm
logo
Texas Instruments
TLV620612-Q1 TI1-TLV620612-Q1 Datasheet
1Mb / 27P
3-MHz 2-A Step-Down Converter in 2-mm 횞 2-mm SON Package
TPS62140 TI1-TPS62140 Datasheet
1Mb / 34P
3-V to 17-V 2-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
TLV62065-Q1 TI-TLV62065-Q1_15 Datasheet
1Mb / 28P
TLV62065-Q1 3-MHz 2-A Step-Down Converter in 2-mm 횞 2-mm WSON Package
TLV62085 TI-TLV62085_15 Datasheet
349Kb / 20P
TLV62085 High Efficiency 3-A Step-Down Converter in 2-mm 횞 2-mm VSON Package
TPS62065 TI-TPS62065_15 Datasheet
1Mb / 28P
TPS6206x 3-MHz, 2-A, Step-Down Converter in 2-mm 횞 2-mm SON Package
TPS62150 TI-TPS62150_15 Datasheet
1Mb / 39P
TPS6215x 3-V to 17-V, 1-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
TLV62085 TI1-TLV62085_16 Datasheet
417Kb / 22P
High Efficiency 3-A Step-Down Converter in 2-mm 횞 2-mm VSON Package
TPS62150 TI1-TPS62150_16 Datasheet
2Mb / 43P
3-V to 17-V, 1-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
TPS62901 TI-TPS62901 Datasheet
6Mb / 50P
TPS62901, 3-V to 17-V, High Efficiency and Low IQ Buck Converter in 1.5-mm 횞 2-mm QFN Package
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com