Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7689 Datasheet (PDF) - Analog Devices

AD7689 Datasheet PDF - Analog Devices
Part # AD7689
Download  AD7689 Download
File Size   744.39 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 14-Bit, 8-Channel, 250 kSPS PulSAR ADC

AD7689 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7689 Datasheet PDF - Analog Devices

Part # AD7689
Download  AD7689 Click to download

File Size   744.39 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 14-Bit, 8-Channel, 250 kSPS PulSAR ADC

AD7689 Datasheet (HTML) - Analog Devices


AD7689 Product details

GENERAL DESCRIPTION
The AD7949 is an 8-channel, 14-bit, charge redistribution successive approximation register (SAR) analog-to-digital converter (ADC) that operates from a single power supply, VDD.

FEATURES
   14-bit resolution with no missing codes
   8-channel multiplexer with choice of inputs
      Unipolar single-ended
      Differential (GND sense)
      Pseudobipolar
   Throughput: 250 kSPS
   INL/DNL: ±0.5/±0.25 LSB typical
   SINAD: 85 dB @ 20 kHz
   THD: −100 dB @ 20 kHz
   Analog input range: 0 V to VREF with VREF up to VDD
   Multiple reference types
      Internal selectable 2.5 V or 4.096 V
      External buffered (up to 4.096 V)
      External (up to VDD)
   Internal temperature sensor (TEMP)
   Channel sequencer, selectable 1-pole filter, busy indicator
   No pipeline delay, SAR architecture
   Single-supply 2.3 V to 5.5 V operation with
      1.8 V to 5.5 V logic interface
   Serial interface compatible with SPI, MICROWIRE,
      QSPI, and DSP
   Power dissipation
      2.9 mW @ 2.5 V/200 kSPS
      10.8 mW @ 5 V/250 kSPS
   Standby current: 50 nA
   20-lead 4 mm × 4 mm LFCSP package

APPLICATIONS
   Multichannel system monitoring
   Battery-powered equipment
   Medical instruments: ECG/EKG
   Mobile communications: GPS
   Power line monitoring
   Data acquisition
   Seismic data acquisition systems
   Instrumentation
   Process control




Similar Part No. - AD7689

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7689 AD-AD7689 Datasheet
1Mb / 20P
16-Bit, 8-Channel, 250 kSPS PulSAR짰 ADC.
AD7689 AD-AD7689 Datasheet
826Kb / 28P
16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADC
REV. 0
AD7689 AD-AD7689 Datasheet
542Kb / 28P
16-Bit, 8-Channel, 500 kSPS PulSAR ADC
REV. 0
AD7689ACPZ AD-AD7689ACPZ Datasheet
826Kb / 28P
16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADC
REV. 0
AD7689ACPZ AD-AD7689ACPZ Datasheet
1Mb / 32P
16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADC
REV. D
More results


Similar Description - AD7689

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7682 AD-AD7682 Datasheet
826Kb / 28P
16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADC
REV. 0
AD7699 AD-AD7699 Datasheet
542Kb / 28P
16-Bit, 8-Channel, 500 kSPS PulSAR ADC
REV. 0
AD7949 AD-AD7949_09 Datasheet
548Kb / 32P
14-Bit, 8-Channel, 250 kSPS PulSAR ADC
REV. B
AD7694 AD-AD7694_05 Datasheet
348Kb / 16P
16-Bit, 250 kSPS PulSAR ADC in MSOP
REV. A
AD7942 AD-AD7942 Datasheet
555Kb / 24P
14-Bit, 250 kSPS PulSAR, Pseudo Differential ADC in MSOP/QFN
REV. B
EVAL-AD7689EDZ AD-EVAL-AD7689EDZ Datasheet
1Mb / 32P
16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADC
REV. D
AD7942 AD-AD7942_15 Datasheet
383Kb / 24P
14-Bit, 250 kSPS PulSAR, Pseudo Differential ADC in MSOP/LFCSP
REV. C
AD7949 AD-AD7949_17 Datasheet
756Kb / 32P
14-Bit, 8-Channel, 250 kSPS PulSAR ADC
6/2017Rev. E to Rev. F
AD7685 AD-AD7685 Datasheet
542Kb / 29P
16-Bit, 250 kSPS PulSAR ADC in MSOP
7/14- Rev. C to Rev. D
AD7694 AD-AD7694_17 Datasheet
360Kb / 17P
16-Bit, 250 kSPS PulSAR ADC in MSOP
6/14- Rev. A to Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com