Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8295 Datasheet (PDF) - Analog Devices

AD8295 Datasheet PDF - Analog Devices
Part # AD8295
Download  AD8295 Download
File Size   669.11 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision Instrumentation Amplifier with Signal Processing Amplifiers

AD8295 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8295 Datasheet PDF - Analog Devices

Part # AD8295
Download  AD8295 Click to download

File Size   669.11 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision Instrumentation Amplifier with Signal Processing Amplifiers

AD8295 Datasheet (HTML) - Analog Devices


AD8295 Product details

GENERAL DESCRIPTION
The AD8295 contains all the components necessary for a precision instrumentation amplifier front end in one small 4 mm × 4 mm package. It contains a high performance instrumentation amplifier, two general-purpose operational amplifiers, and two precisely matched 20 kΩ resistors.
The AD8295 is designed to make PCB routing easy and efficient. The AD8295 components are arranged in a logical way so that typical application circuits have short routes and few vias. Unlike most chip scale packages, the AD8295 does not have an exposed metal pad on the back of the part, which frees additional space for routing and vias. The logical pin arrangement and routing freedom enable the AD8295 to offer simple pin-strapped solutions for complex systems in the equivalent board space of a typical MSOP package.

FEATURES
   Saves board space
   Includes precision in-amp, 2 op amps, and
      2 matched resistors
   4 mm × 4 mm LFCSP
      No heat slug for more routing room
   Differential output fully specified
   In-amp specifications
      Gain set with 1 external resistor (gain range: 1 to 1000)
      Input voltage noise: 8 nV/√Hz maximum at 1 kHz
      CMRR (G = 1): 90 dB minimum
      Input bias current: 0.8 nA maximum
      −3 dB bandwidth (G = 1): 1.2 MHz
      Slew rate: 2 V/μs
   Wide power supply range: ±2.3 V to ±18 V
   1 ppm/°C, 0.03% resistor matching

APPLICATIONS
   Industrial process controls
   Wheatstone bridges
   Precision data acquisition systems
   Medical instrumentation
   Strain gages
   Transducer interfaces
   Differential output




Similar Part No. - AD8295

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8295 AD-AD8295 Datasheet
284Kb / 20P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrD
AD8295 AD-AD8295 Datasheet
378Kb / 20P
Low Noise, Low Gain Drift, G = 2000 Instrumentation Amplifier
REV. 0
AD8295 AD-AD8295 Datasheet
529Kb / 28P
Wide Supply Range, Micropower,
REV. 0
AD8295 AD-AD8295 Datasheet
805Kb / 28P
Wide Supply Range, Rail-to-Rail
REV. 0
AD8295 AD-AD8295 Datasheet
361Kb / 20P
Low Noise, Low Gain Drift, G = 2000
REV. A
More results


Similar Description - AD8295

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD624 AD-AD624 Datasheet
691Kb / 15P
Precision Instrumentation Amplifier
REV.C
logo
Burr-Brown (TI)
INA115 BURR-BROWN-INA115 Datasheet
211Kb / 11P
Precision INSTRUMENTATION AMPLIFIER
INA114AG BURR-BROWN-INA114AG Datasheet
430Kb / 13P
Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD524SE AD-AD524SE Datasheet
614Kb / 28P
Precision Instrumentation Amplifier
Rev. F
AD620MIL AD-AD620MIL_15 Datasheet
1Mb / 4P
PRECISION INSTRUMENTATION AMPLIFIER
REV. A
AD8221 AD-AD8221_15 Datasheet
512Kb / 24P
Precision Instrumentation Amplifier
REV. C
logo
Texas Instruments
INA114 TI1-INA114 Datasheet
758Kb / 17P
Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD524 AD-AD524_16 Datasheet
519Kb / 29P
Precision Instrumentation Amplifier
Rev. F
AD624 AD-AD624_16 Datasheet
468Kb / 17P
Precision Instrumentation Amplifier
REV. C
AD8221 AD-AD8221_16 Datasheet
668Kb / 25P
Precision Instrumentation Amplifier
REV. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com