Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9520-4 Datasheet (PDF) - Analog Devices

AD9520-4 Datasheet PDF - Analog Devices
Part # AD9520-4
Download  AD9520-4 Download
File Size   1653.58 Kbytes
Page   84 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 12 LVPECL/24 CMOS Output Clock Generator with Integrated 1.6 GHz VCO

AD9520-4 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9520-4 Datasheet PDF - Analog Devices

Part # AD9520-4
Download  AD9520-4 Click to download

File Size   1653.58 Kbytes
Page   84 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 12 LVPECL/24 CMOS Output Clock Generator with Integrated 1.6 GHz VCO

AD9520-4 Datasheet (HTML) - Analog Devices


AD9520-4 Product details

GENERAL DESCRIPTION

The AD9520-41 provides a multioutput clock distribution function with subpicosecond jitter performance, along with an on-chip PLL and VCO. The on-chip VCO tunes from 1.4 GHz to 1.8 GHz. An external 3.3 V/5 V VCO/VCXO of up to 2.4 GHz can also be used.

The AD9520 serial interface supports both SPI and I2C® ports. An in-package EEPROM can be programmed through the serial interface and store user-defined register setting for power-up and chip reset.

The AD9520 features 12 LVPECL outputs in four groups. Any of the 1.6 GHz LVPECL outputs can be reconfigured as two 250 MHz CMOS outputs.



FEATURES

  Low phase noise, phase-locked loop (PLL)

     On-chip VCO tunes from 1.4 GHz to 1.8 GHz

     Supports external 0 V to 5 V VCO/VCXO to 2.4 GHz

     1 differential or 2 single-ended reference inputs

     Accepts CMOS, LVDS, or LVPECL references to 250 MHz

     Accepts 16.67 MHz to 33.3 MHz crystal for reference input

     Optional reference clock doubler

     Reference monitoring capability

     Auto and manual reference switchover/holdover modes,

     with selectable revertive/nonrevertive switching

     Glitch-free switchover between references

     Automatic recover from holdover

     Digital or analog lock detect, selectable

     Optional zero delay operation

  Twelve 1.6 GHz LVPECL outputs divided into 4 groups

     Each group of 4 has a 1-to-32 divider with phase delay

     Additive output jitter as low as 225 fS rms

     Channel-to-channel skew grouped outputs <16 ps

     Each LVPECL output can be configured as two CMOS outputs (for fOUT ≤ 250 MHz)

  Automatic synchronization of all outputs on power-up

  Manual synchronization of outputs as needed

  SPI- and I²C-compatible serial control port

  64-lead LFCSP

  Nonvolatile EEPROM stores configuration settings



  APPLICATIONS

  Low jitter, low phase noise clock distribution

  Clock generation and translation for SONET, 10Ge, 10G FC, and other 10 Gbps protocols

  Forward error correction (G.710)

  Clocking high speed ADCs, DACs, DDSs, DDCs, DUCs, MxFEs

  High performance wireless transceivers

  ATE and high performance instrumentation

  Broadband infrastructures




Similar Part No. - AD9520-4

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9520-4 AD-AD9520-4 Datasheet
1Mb / 80P
12 LVPECL/24 CMOS Output Clock Generator
10/2016-Rev. A to Rev. B
AD9520-4BCPZ AD-AD9520-4BCPZ Datasheet
1Mb / 80P
12 LVPECL/24 CMOS Output Clock Generator
10/2016-Rev. A to Rev. B
AD9520-4BCPZ-REEL7 AD-AD9520-4BCPZ-REEL7 Datasheet
1Mb / 80P
12 LVPECL/24 CMOS Output Clock Generator
10/2016-Rev. A to Rev. B
AD9520-4 AD-AD9520-4_16 Datasheet
1Mb / 80P
12 LVPECL/24 CMOS Output Clock Generator
10/2016-Rev. A to Rev. B
More results


Similar Description - AD9520-4

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9520-0 AD-AD9520-0 Datasheet
1Mb / 84P
12 LVPECL/24 CMOS Output Clock Generator with Integrated 2.8 GHz VCO
REV. 0
AD9520-1 AD-AD9520-1 Datasheet
1Mb / 84P
12 LVPECL/24 CMOS Output Clock Generator with Integrated 2.5 GHz VCO
REV. 0
AD9520-2 AD-AD9520-2 Datasheet
1Mb / 84P
12 LVPECL/24 CMOS Output Clock Generator with Integrated 2.2 GHz VCO
REV. 0
AD9520-3 AD-AD9520-3 Datasheet
1Mb / 84P
12 LVPECL/24 CMOS Output Clock Generator with Integrated 2 GHz VCO
REV. 0
AD9522-1 AD-AD9522-1 Datasheet
1Mb / 84P
12 LVDS/24 CMOS Output Clock Generator with Integrated 2.4 GHz VCO
REV. 0
AD9522-4 AD-AD9522-4 Datasheet
1Mb / 84P
12 LVDS/24 CMOS Output Clock Generator with Integrated 1.6 GHz VCO
REV. 0
AD9517-4 AD-AD9517-4 Datasheet
1Mb / 80P
12-Output Clock Generator with Integrated 1.6 GHz VCO
Rev. E
AD9517-4BCPZ AD-AD9517-4BCPZ Datasheet
1Mb / 80P
12-Output Clock Generator with Integrated 1.6 GHz VCO
Rev. E
AD9517-4 AD-AD9517-4_15 Datasheet
1Mb / 80P
12-Output Clock Generator with Integrated 1.6 GHz VCO
Rev. E
AD9522-1 AD-AD9522-1_15 Datasheet
1Mb / 84P
12 LVDS/24 CMOS Output Clock Generator with Integrated 2.4 GHz VCO
3/15-Rev. A to Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com