Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC33910 Datasheet (PDF) - Freescale Semiconductor, Inc

MC33910 Datasheet PDF - Freescale Semiconductor, Inc
Part # MC33910
Download  MC33910 Download
File Size   853.51 Kbytes
Page   49 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description LIN System Basis Chip with High Side Drivers

MC33910 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC33910 Datasheet PDF - Freescale Semiconductor, Inc

Part # MC33910
Download  MC33910 Click to download

File Size   853.51 Kbytes
Page   49 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description LIN System Basis Chip with High Side Drivers

MC33910 Datasheet (HTML) - Freescale Semiconductor, Inc


MC33910 Product details

LIN System Basis Chip with High Side Drivers

The 33910G5/BAC is a Serial Peripheral Interface (SPI) controlled System Basis Chip (SBC), combining many frequently used functions in an MCU based system, plus a Local Interconnect Network (LIN) transceiver. The 33910 has a 5.0 V, 50 mA/60 mA low dropout regulator with full protection and reporting features. The device provides full SPI readable diagnostics and a selectable timing watchdog for detecting errant operation. The LIN Protocol Specification 2.0 and 2.1 compliant LIN transceiver has waveshaping circuitry that can be disabled for higher data rates.
Two 50 mA/60 mA high side switches with optional pulse-width modulated (PWM) are implemented to drive small loads. One high voltage input is available for use in contact monitoring, or as external wake-up input. This input can be used as high voltage Analog Input. The voltage on this pin is divided by a selectable ratio and available via an analog multiplexer.

Features
• Full-duplex SPI interface at frequencies up to 4.0 MHz
• LIN transceiver capable of up to 100 kbps with wave shaping
• Two 50 mA/60 mA high side switches
• One high voltage analog/logic Input
• Configurable window watchdog
• 5.0 V low drop regulator with fault detection and low voltage reset (LVR) circuitry
• Switched/protected 5.0 V output (used for Hall sensors)
• Pb-free packaging designated by suffix code AC




Similar Part No. - MC33910

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33910BAC FREESCALE-MC33910BAC Datasheet
765Kb / 44P
LIN System Basis Chip with 2x60mA High Side Drivers
MC33910BACR2 FREESCALE-MC33910BACR2 Datasheet
765Kb / 44P
LIN System Basis Chip with 2x60mA High Side Drivers
MC33910G5AC FREESCALE-MC33910G5AC Datasheet
1Mb / 90P
LIN System Basis Chip with High
More results


Similar Description - MC33910

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33689 MOTOROLA-MC33689 Datasheet
229Kb / 18P
System Basis Chip with LIN transceiver
logo
NXP Semiconductors
UJA1069 PHILIPS-UJA1069 Datasheet
299Kb / 64P
LIN fail-safe system basis chip
Rev. 02-5 March 2007
logo
Freescale Semiconductor...
33689D FREESCALE-33689D Datasheet
490Kb / 31P
System Basis Chip with LIN Transceiver
33910 FREESCALE-33910 Datasheet
765Kb / 44P
LIN System Basis Chip with 2x60mA High Side Drivers
logo
NXP Semiconductors
UJA1069 NXP-UJA1069_09 Datasheet
304Kb / 64P
LIN fail-safe system basis chip
Rev. 04-28 October 2009
UJA1079 NXP-UJA1079 Datasheet
332Kb / 45P
LIN core system basis chip
Rev. 02-27 May 2010
logo
Freescale Semiconductor...
33910 FREESCALE-33910_10 Datasheet
1Mb / 90P
LIN System Basis Chip with High
logo
ATMEL Corporation
ATA664151 ATMEL-ATA664151_14 Datasheet
1Mb / 50P
LIN System Basis Chip with LIN Transceiver
logo
NXP Semiconductors
UJA1079A NXP-UJA1079A Datasheet
337Kb / 46P
LIN core system basis chip
Rev. 2 ??31 January 2011
MC33689 NXP-MC33689 Datasheet
890Kb / 31P
System Basis Chip with LIN Transceiver
Rev. 8.0, 9/2012
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com