Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC33981 Datasheet (PDF) - Freescale Semiconductor, Inc

MC33981 Datasheet PDF - Freescale Semiconductor, Inc
Part # MC33981
Download  MC33981 Download
File Size   1417.63 Kbytes
Page   37 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Single High Side Switch (4.0 m廓), PWM clock up to 60 kHz

MC33981 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC33981 Datasheet PDF - Freescale Semiconductor, Inc

Part # MC33981
Download  MC33981 Click to download

File Size   1417.63 Kbytes
Page   37 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Single High Side Switch (4.0 m廓), PWM clock up to 60 kHz

MC33981 Datasheet (HTML) - Freescale Semiconductor, Inc


MC33981 Product details

Single High Side Switch (4.0 mOhm), PWM clock up to 60 kHz

The 33981 is a high frequency, self-protected 4.0 m RDS(ON) high side switch used to replace electromechanical relays, fuses, and discrete devices in power management applications.

The 33981 is packaged in a 12 x 12 mm non-leaded power-enhanced PQFN package with exposed tabs.

Features
• Single 4.0 m RDS(ON) maximum high side switch
• PWM capability up to 60 kHz with duty cycle from 5% to 100%
• Very low standby current
• Slew-rate control with external capacitor
• Over-current and over-temperature protection, under-voltage shutdown, and fault reporting
• Reverse battery protection
• Gate drive signal for external low side N-channel MOSFET with protection features
• Output current monitoring
• Temperature feedback




Similar Part No. - MC33981

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33981 MOTOROLA-MC33981 Datasheet
469Kb / 24P
High-Frequency, High-Current, Self-Protected High-Side Switch (4.0 m??up to 60 kHz)
logo
Freescale Semiconductor...
MC33981 FREESCALE-MC33981 Datasheet
3Mb / 40P
Single High Side Switch
logo
NXP Semiconductors
MC33981 NXP-MC33981 Datasheet
3Mb / 51P
Single High Side Switch (4.0 mOhm), PWM clock up to 60 kHz
Rev. 12.0, 7/2023
MC33981ABHFK NXP-MC33981ABHFK Datasheet
3Mb / 51P
Single High Side Switch (4.0 mOhm), PWM clock up to 60 kHz
Rev. 12.0, 7/2023
MC33981ADHFK NXP-MC33981ADHFK Datasheet
3Mb / 51P
Single High Side Switch (4.0 mOhm), PWM clock up to 60 kHz
Rev. 12.0, 7/2023
More results


Similar Description - MC33981

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33981 MOTOROLA-MC33981 Datasheet
469Kb / 24P
High-Frequency, High-Current, Self-Protected High-Side Switch (4.0 m??up to 60 kHz)
logo
Freescale Semiconductor...
33981B FREESCALE-33981B Datasheet
1Mb / 37P
Single High-Side Switch (4.0 m??, PWM clock up to 60kHz
33984B FREESCALE-33984B_09 Datasheet
1Mb / 38P
Dual Intelligent High-current Self-protected Silicon High Side Switch (4.0 m廓)
logo
Texas Instruments
TPS1HB08-Q1 TI1-TPS1HB08-Q1 Datasheet
537Kb / 38P
40-V, 8-m廓 Single-Channel Smart High-Side Switch
TPS1HB16-Q1 TI1-TPS1HB16-Q1 Datasheet
527Kb / 38P
40-V, 16-m廓 Single-Channel Smart High-Side Switch
TPS1HB35-Q1 TI1-TPS1HB35-Q1 Datasheet
535Kb / 39P
40-V, 35-m廓 Single-Channel Smart High-Side Switch
logo
Infineon Technologies A...
BTF6070-2ERV INFINEON-BTF6070-2ERV Datasheet
1Mb / 42P
Smart High-Side Power Switch Dual Channel, 60 m廓
Rev. 1.00 2019-04-25
BTT6010-1ERA INFINEON-BTT6010-1ERA Datasheet
1Mb / 46P
Smart High-Side Power Switch Single Channel, 10 m廓
Rev. 1.00 2019-03-09
BTT6030-1ERA INFINEON-BTT6030-1ERA Datasheet
1Mb / 53P
Smart High-Side Power Switch Single Channel, 31 m廓
Rev.1.00 2019-03-09
logo
NXP Semiconductors
MC33981 NXP-MC33981 Datasheet
3Mb / 51P
Single High Side Switch (4.0 mOhm), PWM clock up to 60 kHz
Rev. 12.0, 7/2023
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com