Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1862A Datasheet (PDF) - Maxim Integrated Products

DS1862A Datasheet PDF - Maxim Integrated Products
Part # DS1862A
Download  DS1862A Download
File Size   582.27 Kbytes
Page   42 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description XFP Laser Control and Digital Diagnostic IC

DS1862A Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1862A Datasheet PDF - Maxim Integrated Products

Part # DS1862A
Download  DS1862A Click to download

File Size   582.27 Kbytes
Page   42 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description XFP Laser Control and Digital Diagnostic IC

DS1862A Datasheet (HTML) - Maxim Integrated Products


DS1862A Product details

General Description
The DS1862A is a closed-loop laser-driver control IC with built-in digital diagnostics designed for XFP MSA. The laser control function incorporates automatic power control (APC) and allows extinction ratio control though a temperature-indexed lookup table (LUT). The DS1862A monitors up to seven analog inputs, including temperature and monitor diode (MD) current, which are used to regulate the laser bias current and extinction ratio.

Features
♦ Implements XFP MSA Requirements for Digital Diagnostics, Serial ID, and User Memory
♦ I2C-Compatible Serial Interface
♦ Automatic Power Control (APC)
♦ Extinction Ratio Control with Lookup Table
♦ Seven Monitored Channels for Digital Diagnostics (Five Basic Plus Two Auxiliary)
♦ Internal Calibration of Monitored Channels (Temp, VCC2/3, Bias Current, Transmitted, and Received Power)
♦ Programmable Quick-Trip Logic for Turning Off Laser for Eye Safety
♦ Access to Monitoring and ID Information
♦ Programmable Alarm and Warning Thresholds
♦ Operates from 3.3V or 5V Supply
♦ 25-Ball CSBGA, 5mm x 5mm Package
♦ Internal or External Temperature Sensor
♦ -40°C to +100°C Operating Temperature Range
♦ One 8-Bit Buffered DAC

Applications
    Laser Control and Monitoring 10Gbps Optical Transceiver Modules (XFP)
    Laser Control and Monitoring
    Digital Diagnostics in Optical Transmission




Similar Part No. - DS1862A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1862 MAXIM-DS1862 Datasheet
533Kb / 42P
XFP Laser Control and Digital Diagnostic IC
Rev 0; 2/06
DS1862B MAXIM-DS1862B Datasheet
533Kb / 42P
XFP Laser Control and Digital Diagnostic IC
Rev 0; 2/06
More results


Similar Description - DS1862A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8725FH PANASONIC-AN8725FH Datasheet
197Kb / 36P
Semiconductor laser power control IC
logo
Maxim Integrated Produc...
DS1862 MAXIM-DS1862 Datasheet
533Kb / 42P
XFP Laser Control and Digital Diagnostic IC
Rev 0; 2/06
logo
Analog Devices
ADN2928 AD-ADN2928 Datasheet
291Kb / 12P
XFP Single Chip Transceiver IC
Mar-2005
logo
Dallas Semiconductor
DS1864 DALLAS-DS1864 Datasheet
644Kb / 72P
SFP Laser Controller and Diagnostic IC
logo
Sanyo Semicon Device
LB8500M SANYO-LB8500M Datasheet
118Kb / 15P
Monolithic Digital IC DC Fan Motor Speed Control IC
LB8502M SANYO-LB8502M Datasheet
95Kb / 11P
Monolithic Digital IC DC Fan Motor Speed Control IC
LB8503V SANYO-LB8503V Datasheet
163Kb / 20P
Monolithic Digital IC DC Fan Motor Speed Control IC
logo
Cirrus Logic
CS1501 CIRRUS-CS1501 Datasheet
820Kb / 11P
Digital Power Factor Correction Control IC
logo
Analog Devices
ADN2928 AD-ADN2928_15 Datasheet
291Kb / 12P
XFP Single Chip Transceiver IC
Rev. PrB
logo
Maxim Integrated Produc...
DS1864 MAXIM-DS1864 Datasheet
644Kb / 72P
SFP Laser Controller and Diagnostic IC
Rev 0; 4/06
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com