Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3231 Datasheet (PDF) - Maxim Integrated Products

DS3231 Datasheet PDF - Maxim Integrated Products
Part # DS3231
Download  DS3231 Download
File Size   362.29 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Extremely Accurate I2C-Integrated

DS3231 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS3231 Datasheet PDF - Maxim Integrated Products

Part # DS3231
Download  DS3231 Click to download

File Size   362.29 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Extremely Accurate I2C-Integrated

DS3231 Datasheet (HTML) - Maxim Integrated Products


DS3231 Product details

General Description

The DS3231 is a low-cost, extremely accurate I2C realtime clock (RTC) with an integrated temperature compensated crystal oscillator (TCXO) and crystal. The device incorporates a battery input, and maintains accurate time keeping when main power to the device is interrupted. The integration of the crystal resonator enhances the long-term accuracy of the device as well as reduces the piece-part count in a manufacturing line. The DS3231 is available in commercial and industrial temperature ranges, and is offered in a 16-pin, 300-mil SO package.



Features

♦Accuracy ±2ppm from 0°C to +40°C

♦Accuracy ±3.5ppm from -40°C to +85°C

♦Battery Backup Input for Continuous Timekeeping

♦Operating Temperature Ranges

   Commercial: 0°C to +70°C

   Industrial: -40°C to +85°C

♦Low-Power Consumption

♦Real-Time Clock Counts Seconds, Minutes,Hours, Day, Date, Month, and Year with Leap Year

Compensation Valid Up to 2100

♦Two Time-of-Day Alarms

♦Programmable Square-Wave Output

♦Fast (400kHz) I2C Interface

♦3.3V Operation

♦Digital Temp Sensor Output: ±3°C Accuracy

♦Register for Aging Trim

♦RST Output/Pushbutton Reset Debounce Input

♦Underwriters Laboratories (UL) Recognized




Similar Part No. - DS3231

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS3231 DALLAS-DS3231 Datasheet
363Kb / 19P
Extremely Accurate I2C-Integrated RTC/TXO/Crystal
logo
Maxim Integrated Produc...
DS3231 MAXIM-DS3231 Datasheet
372Kb / 20P
Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
Rev 7; 3/10
DS3231 MAXIM-DS3231 Datasheet
378Kb / 20P
Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
Rev 8; 7/10
DS3231 MAXIM-DS3231 Datasheet
300Kb / 20P
Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
Rev 9; 1/13
DS3231 MAXIM-DS3231 Datasheet
297Kb / 20P
Extremely Accurate I2C-Integrated RTC-TCXO-Crystal
Rev 9; 1/13
More results


Similar Description - DS3231

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS3231 DALLAS-DS3231 Datasheet
363Kb / 19P
Extremely Accurate I2C-Integrated RTC/TXO/Crystal
logo
Maxim Integrated Produc...
DS3232 MAXIM-DS3232 Datasheet
276Kb / 18P
Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Rev 2; 3/06
DS3232 MAXIM-DS3232_07 Datasheet
246Kb / 18P
Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Rev 3; 10/07
DS3232 MAXIM-DS3232_08 Datasheet
276Kb / 19P
Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Rev 4; 10/08
DS3231 MAXIM-DS3231_10 Datasheet
372Kb / 20P
Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
Rev 7; 3/10
DS3231_1007 MAXIM-DS3231_1007 Datasheet
378Kb / 20P
Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
Rev 8; 7/10
DS3232 MAXIM-DS3232_10 Datasheet
280Kb / 19P
Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Rev 5; 7/10
DS3231 MAXIM-DS3231_13 Datasheet
300Kb / 20P
Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
Rev 9; 1/13
DS3231SNTR MAXIM-DS3231SNTR Datasheet
297Kb / 20P
Extremely Accurate I2C-Integrated RTC-TCXO-Crystal
Rev 9; 1/13
logo
STMicroelectronics
AN2678 STMICROELECTRONICS-AN2678 Datasheet
220Kb / 16P
Extremely accurate timekeeping over
26-Nov-2008
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com